Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OPS2 Datasheet(PDF) 47 Page - ABB

Part # OPS2
Description  Switch-disconnectors High performance, compact solution
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABB [ABB]
Direct Link  http://www.abb.com
Logo ABB - ABB

OPS2 Datasheet(HTML) 47 Page - ABB

Back Button OPS2 Datasheet HTML 43Page - ABB OPS2 Datasheet HTML 44Page - ABB OPS2 Datasheet HTML 45Page - ABB OPS2 Datasheet HTML 46Page - ABB OPS2 Datasheet HTML 47Page - ABB OPS2 Datasheet HTML 48Page - ABB OPS2 Datasheet HTML 49Page - ABB OPS2 Datasheet HTML 50Page - ABB OPS2 Datasheet HTML 51Page - ABB Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 192 page
background image
Shaft alignment ring
Improves the alignment of the handle.
Suitable for handle
Colour
Type
Order code
Weight/
unit
kg
Selector handles OH_1...3
Black
OHZX11
1SCA022708R3170
0.23
Round padlockable handle OZ371P_ Black
OZG71
1SCA111686R1001
0.05
Extension ring for pistol handles
Improves the alignment of the handle.
Suitable for handle
Colour
Type
Order code
Weight/
unit
kg
OHB_
Black
OHZX14
1SCA022851R6590
0.06
Shaft support for long shafts
Supporting 6 mm shaft longer than 400 mm.
Suitable for switches
Type
Order code
Weight/
unit
kg
OT16...125F
OETLZX58
1SCA022068R8220
0.10
Accessories for manual switch-disconnectors OT16...160
Ordering information for shaft accessories
OHZX14
OZG71
OETLZX58
ABB SWITCH-DISCONNECTORS – HIGH PERFORMANCE, COMPACT SOLUTION
47
ABB SWITCH-DISCONNECTORS – HIGH PERFORMANCE, COMPACT SOLUTION
47



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com