Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OPS2 Datasheet(PDF) 39 Page - ABB

Part # OPS2
Description  Switch-disconnectors High performance, compact solution
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABB [ABB]
Direct Link  http://www.abb.com
Logo ABB - ABB

OPS2 Datasheet(HTML) 39 Page - ABB

Back Button OPS2 Datasheet HTML 35Page - ABB OPS2 Datasheet HTML 36Page - ABB OPS2 Datasheet HTML 37Page - ABB OPS2 Datasheet HTML 38Page - ABB OPS2 Datasheet HTML 39Page - ABB OPS2 Datasheet HTML 40Page - ABB OPS2 Datasheet HTML 41Page - ABB OPS2 Datasheet HTML 42Page - ABB OPS2 Datasheet HTML 43Page - ABB Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 192 page
background image
Accessories for manual switch-disconnectors OT16...160
Ordering information for handles
Adapter handles, for base and DIN-rail mounted installation switches
Mounting directly to the switch, no shaft needed.
Suitable for switches
Colour
Type
Order code
Weight/
unit
kg
OT16…40F3
Black
OHBS7
1SCA108546R1001
0.08
OT16…40F4
Black
OHBS8
1SCA108545R1001
0.08
OT16…40F3
Red
OHYS7
1SCA109852R1001
0.08
OT16…40F4
Red
OHYS8
1SCA109862R1001
0.08
Handle type
Shaft through the handle
45 mm cut-out enable*
OHBS7_ , OHRS7_
No
Yes
OHBS8_ , OHRS8_
No
Yes
* in I-position the handle shall remain within the cut-out height
Selector handles for base and DIN-rail mounted switches
For shaft diameter 6 mm, door drilling 22.5 mm. Indication I-O and ON-OFF.
Suitable for switches
Colour
Type
Order code
Weight/
unit
kg
IP54 handles, NEMA 1
OT16...80F
Black
OHBS1AH
1SCA102680R1001
0.05
Red-yellow
OHYS1AH
1SCA105290R1001
0.05
Door interlock in ON-position
OT16...80F
Black
OHBS1AH1
1SCA105210R1001
0.05
Red-yellow
OHYS1AH1
1SCA105291R1001
0.05
Padlockable with one padlock with bail diameter 5...6.3 mm
OT16...125F
Black
OHBS3AH
1SCA105234R1001
0.05
Red-yellow
OHYS3AH
1SCA105325R1001
0.05
Padlockable with one padlock with bail diameter 5...6.3 mm, door interlock in ON-position
OT16...125F
Black
OHBS3AH1
1SCA105235R1001
0.05
Red-yellow
OHYS3AH1
1SCA105326R1001
0.05
IP65 handles, NEMA 1, 3R, 12
Padlockable with max. 3 padlocks with bail diameter 5...8 mm,
defeatable door interlock in ON-position, door interlocking in OFF-position when padlocked
OT16...125F
Black
OHBS2AJ
1SCA105213R1001
0.07
Red-yellow
OHYS2AJ
1SCA105296R1001
0.07
Padlockable with max. 3 padlocks with bail diameter 5...8 mm, door interlock in ON-position
OT16...125F
Black
OHBS2AJ1
1SCA105215R1001
0.07
Red-yellow
OHYS2AJ1
1SCA105297R1001
0.07
Selector handle with metal hasp
IP65 handles, NEMA 1, 3R, 12
Padlockable with max. 3 padlocks, door interlock in the ON-position, defeatable
OT16...125F
Black
OHBS2AJEH
1SCA108230R1001
0.07
Padlockable with max. 3 padlocks, door interlock in the ON-position, non-defeatable
OT16...125F
Black
OHBS2AJ1EH 1SCA105217R1001
0.07
- Door interlocking in ON-position means that the door can not be opened, when the handle is in ON-position.
This can be defeated in IP65 types to allow authorized personnel access for inspection. The padlocked handle is not defeatable.
OHYS3AH
OHYS2AJ
OHBS3AH
OHBS2AJ
OHBS2AJ_EH
OHBS8
OHYS7
ABB SWITCH-DISCONNECTORS – HIGH PERFORMANCE, COMPACT SOLUTION
39
ABB SWITCH-DISCONNECTORS – HIGH PERFORMANCE, COMPACT SOLUTION
39



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com