Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OPS2 Datasheet(PDF) 65 Page - ABB

Part # OPS2
Description  Switch-disconnectors High performance, compact solution
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABB [ABB]
Direct Link  http://www.abb.com
Logo ABB - ABB

OPS2 Datasheet(HTML) 65 Page - ABB

Back Button OPS2 Datasheet HTML 61Page - ABB OPS2 Datasheet HTML 62Page - ABB OPS2 Datasheet HTML 63Page - ABB OPS2 Datasheet HTML 64Page - ABB OPS2 Datasheet HTML 65Page - ABB OPS2 Datasheet HTML 66Page - ABB OPS2 Datasheet HTML 67Page - ABB OPS2 Datasheet HTML 68Page - ABB OPS2 Datasheet HTML 69Page - ABB Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 192 page
background image
—
Manual switch-disconnectors OT160...4000
Modular and flexible design
Manual switch-disconnectors by ABB are suitable for a wide range of demanding
applications in power distribution or motor control centers. Their smart and modular
design and adaptable construction reduce installation time and make them perfect
for even the most demanding operating environments.
In addition to the same easy installa-
tion features as the smaller switch-
disconnectors, these devices are ex-
tremely flexible regarding installation
orientation. They work just as well in-
stalled horizontally or vertically, or
even on the ceiling. Smart design elimi-
nates the need for major customiza-
tion such as when using devices opti-
mized for e.g. the 140 mm switchgear
busbar standard or 600 mm cubicle
solution.
All our switches have been designed
for easy and cost-efficient installation,
maintenance and use. The modular de-
sign enables 2-, 3- and 4-pole installa-
tion with different position of the
switching mechanism to suit your
needs and spacial requirements. The
devices can be optimized in relation to
busbar and cable connections as well
as handles and other accessories.
These ABB switch-disconnectors are
extremely well suited for heavy duty
applications in e.g. distribution cen-
ters with full rated current. Relevant
short circuit ratings are available for
IEC and UL versions alike. These de-
vices are also equipped with extremely
resistant insulation materials, which
help reduce the risk of flash-over be-
tween phases in even the most severe
circumstances and environments.
—
Easy to install
—
Space saving
—
Reliable in extreme conditions
ABB SWITCH-DISCONNECTORS – HIGH PERFORMANCE, COMPACT SOLUTION
65
ABB SWITCH-DISCONNECTORS – HIGH PERFORMANCE, COMPACT SOLUTION
65



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com