Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OPS2 Datasheet(PDF) 92 Page - ABB

Part # OPS2
Description  Switch-disconnectors High performance, compact solution
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABB [ABB]
Direct Link  http://www.abb.com
Logo ABB - ABB

OPS2 Datasheet(HTML) 92 Page - ABB

Back Button OPS2 Datasheet HTML 88Page - ABB OPS2 Datasheet HTML 89Page - ABB OPS2 Datasheet HTML 90Page - ABB OPS2 Datasheet HTML 91Page - ABB OPS2 Datasheet HTML 92Page - ABB OPS2 Datasheet HTML 93Page - ABB OPS2 Datasheet HTML 94Page - ABB OPS2 Datasheet HTML 95Page - ABB OPS2 Datasheet HTML 96Page - ABB Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 192 page
background image
Manual switch-disconnectors OT160...4000
Dimensional drawings
Front operated switch-disconnectors OT160...800 with wide phase distance, base mounting, IEC
OT160EV_WP, OT200_WP and OT250_WP
Mechanism at the end of the switch
10
A1
A2
B1
18
B2
C1
25
C2
100
57
17,5
43
4
10
9
122
53
A
B
20
170
150
33,5
3
83/35,5
35
25
45
6
65
14 min
70
140...205
(OXP 6x161)
M00073/OT200E01_04W A
OT160EV_/200E_/250E_
[mm]
E01W
E02W
E03W
E04W
A
-
43
43
43
B
83,5
126,5
169,5
212,5
A1114
114
114
114
A2
63
106
149
192
B1109,5 109,5
109,5
109,5
B2
79
122
165
208
C1
84
84
84
84
C2
93
136
179
222
100
10
A1
A2
B1
18
B2
C1
25
C2
100
57
17,5
43
4
10
9
122
53
A
B
20
170
150
33,5
3
83/35,5
35
25
45
6
65
14 min
70
140...205
(OXP 6x161)
M00073/OT200E01_04W A
OT160EV_/200E_/250E_
[mm]
E01W
E02W
E03W
E04W
A
-
43
43
43
B
83,5
126,5
169,5
212,5
A1114
114
114
114
A2
63
106
149
192
B1109,5 109,5
109,5
109,5
B2
79
122
165
208
C1
84
84
84
84
C2
93
136
179
222
100
OT160EV_WP, OT200_WP and OT250_WP
Mechanism between the poles
A1
A2
A3
B1
B2
B3
C1
C2
C3
114
57
4
10
43
20
9
100
122
86
A
B
43
170
150
3
25 35
83/35,5
6
45
65
14 min
33,5
70
140...205
(OXP 6x161)
M00074/OT200E11_22W A
OT160EV_/200E_/250E_
[mm]
E11W
E12W
E13W
E22W
A
96
96
96
139
B
131,5
174,5
217,5
217,5
A1
114
114
114
114
A2
106
149
192
192
A3
53
53
53
96
B1109,5 109,5
109,5
109,5
B2122
165
208
208
B361
61
61
104
C184
84
84
84
C2136
179
222
222
C368
68
68
111
A1
A2
A3
B1
B2
B3
C1
C2
C3
114
57
4
10
43
20
9
100
122
86
A
B
43
170
150
3
25 35
83/35,5
6
45
65
14 min
33,5
70
140...205
(OXP 6x161)
M00074/OT200E11_22W A
OT160EV_/200E_/250E_
[mm]
E11W
E12W
E13W
E22W
A
96
96
96
139
B
131,5
174,5
217,5
217,5
A1
114
114
114
114
A2
106
149
192
192
A3
53
53
53
96
B1109,5 109,5
109,5
109,5
B2122
165
208
208
B361
61
61
104
C184
84
84
84
C2136
179
222
222
C368
68
68
111
Main dimensions mm
OT160EV_/200E_/250E_
[mm]
E01W
E02W
E03W
E04W
A
-
43
43
43
B
83,5
126,5
169,5
212,5
A1
114
114
114
114
A2
63
106
149
192
B1
109,5
109,5
109,5
109,5
B2
79
122
165
208
C1
84
84
84
84
C2
93
136
179
222
M00073/OT200E01_04W A
OT160EV_/200E_/250E_
[mm]
E11W
E12W
E13W
E22W
A
96
96
96
139
B
131,5
174,5
217,5
217,5
A1
114
114
114
114
A2
106
149
192
192
A3
53
53
53
96
B1
109,5
109,5
109,5
109,5
B2
122
165
208
208
B3
61
61
61
104
C1
84
84
84
84
C2
136
179
222
222
C3
68
68
68
111
M00074/OT200E11_22W A
92
ABB SWITCH-DISCONNECTORS – HIGH PERFORMANCE, COMPACT SOLUTION
92
ABB SWITCH-DISCONNECTORS – HIGH PERFORMANCE, COMPACT SOLUTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com