Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OPS2 Datasheet(PDF) 24 Page - ABB

Part # OPS2
Description  Switch-disconnectors High performance, compact solution
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABB [ABB]
Direct Link  http://www.abb.com
Logo ABB - ABB

OPS2 Datasheet(HTML) 24 Page - ABB

Back Button OPS2 Datasheet HTML 20Page - ABB OPS2 Datasheet HTML 21Page - ABB OPS2 Datasheet HTML 22Page - ABB OPS2 Datasheet HTML 23Page - ABB OPS2 Datasheet HTML 24Page - ABB OPS2 Datasheet HTML 25Page - ABB OPS2 Datasheet HTML 26Page - ABB OPS2 Datasheet HTML 27Page - ABB OPS2 Datasheet HTML 28Page - ABB Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 192 page
background image
—
Front operated non-fusible disconnect switches, base and DIN-rail mounting, UL/CSA
Handle and shaft are not included.
Number
of poles
Ampere
rating
Horsepower rating
3-phase
Type
Order code
Weight/
unit
240 V AC 480 V AC 600 V AC
A
HP
HP
HP
kg
lb
3
20
5
10
10
OT16F3
1SCA104811R1001
0.11 0.24
4
20
5
10
10
OT16F4N2
1SCA104829R1001
0.14 0.31
3
30
7.5
15
20
OT25F3
1SCA104857R1001
0.11 0.24
4
30
7.5
15
20
OT25F4N2
1SCA104886R1001
0.14 0.31
3
40
10
20
25
OT40F3
1SCA104902R1001
0.11 0.24
4
40
10
20
25
OT40F4N2
1SCA104932R1001
0.14 0.31
3
60
15
30
30
OT63F3
1SCA105332R1001
0.27 0.60
4
60
15
30
30
OT63F4N2
1SCA105365R1001
0.3
0.66
3
80
20
40
40
OT80F3
1SCA105798R1001
0.27 0.60
4
80
20
40
40
OT80F4N2
1SCA105413R1001
0.3
0.66
3
30
10
20
30
OT30F3
1SCA105068R1001
0.36 0.79
4
30
10
20
30
OT30F4N2
1SCA108347R1001
0.5
1.10
3
60
20
40
40
OT60F3
1SCA105076R1001
0.36 0.79
4
60
20
40
40
OT60F4N2
1SCA108348R1001
0.5
1.10
3
100
30
50
50
OT100F3
1SCA105004R1001
0.36 0.79
4
100
30
50
50
OT100F4N2
1SCA105018R1001
0.5
1.10
Approvals:
- OT16,25,40,63,80: UL 508. CSA 22-2 No.14
- OT30,60,100: UL 98. CSA 22-2 No.4
- IEC 60947-3
—
Front operated 6- and 8-pole non-fusible disconnect switches,
base and DIN-rail mounting, UL/CSA
Handle and shaft are not included.
Number
of poles
Ampere
rating
Horsepower rating
3-phase
Type
Order code
Weight/
unit
240 V AC 480 V AC 600 V AC
A
HP
HP
HP
kg
lb
6
20
5
10
10
OT16F6
1SCA104834R1001
0.25 0.55
6
30
7.5
15
20
OT25F6
1SCA104880R1001
0.25 0.55
6
40
10
20
25
OT40F6
1SCA104936R1001
0.25 0.55
6
60
15
30
30
OT63F6
1SCA105379R1001
0.61 1.35
6
80
20
40
40
OT80F6
1SCA105427R1001
0.61 1.35
6
100
30
50
50
OT100F6
1SCA105021R1001
0.81 1.79
6
100
30
50
50
OT125F6
1SCA105057R1001
0.81 1.79
8
20
5
10
10
OT16F8
1SCA104836R1001
0.31 0.68
8
30
7.5
15
20
OT25F8
1SCA104882R1001
0.31 0.68
8
40
10
20
25
OT40F8
1SCA104938R1001
0.31 0.68
8
60
15
30
30
OT63F8
1SCA105381R1001
0.67 1.48
8
80
20
40
40
OT80F8
1SCA105429R1001
0.67 1.48
8
100
30
50
50
OT100F8
1SCA105022R1001
1.10 2.43
—
Manual switch-disconnectors OT16...160, UL
Ordering information for non-fusible disconnect switches
OT16...40F3
OT63...80F3
OT16...40F6
OT63...80F8
OT30...100F3
OT100F8
24
ABB SWITCH-DISCONNECTORS – HIGH PERFORMANCE, COMPACT SOLUTION
24
ABB SWITCH-DISCONNECTORS – HIGH PERFORMANCE, COMPACT SOLUTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com