Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OPS2 Datasheet(PDF) 85 Page - ABB

Part # OPS2
Description  Switch-disconnectors High performance, compact solution
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABB [ABB]
Direct Link  http://www.abb.com
Logo ABB - ABB

OPS2 Datasheet(HTML) 85 Page - ABB

Back Button OPS2 Datasheet HTML 81Page - ABB OPS2 Datasheet HTML 82Page - ABB OPS2 Datasheet HTML 83Page - ABB OPS2 Datasheet HTML 84Page - ABB OPS2 Datasheet HTML 85Page - ABB OPS2 Datasheet HTML 86Page - ABB OPS2 Datasheet HTML 87Page - ABB OPS2 Datasheet HTML 88Page - ABB OPS2 Datasheet HTML 89Page - ABB Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 192 page
background image
Front operated earthing switches, base mounted (EP), IEC
Including terminal bolt kit, a black OFF -
plastic handle and shaft as standard.
The handle is padlockable in OFF- and
-position.
Icw= Rated short-time withstand current, Icm= Rated short-circuit making capacity
Number
of poles
Icw /
1 s
Icw /
0.25 s
Icm
peak
Type
Order code
Weight/
unit
kA
kA
kA
kg
Icw / 1 s = 50 kA, Icm = 110 kA (peak)
3
50
50
110
OT1000EP03P 1SCA118451R1001
17.0
4
50
50
92
OT1000EP04P 1SCA118452R1001
19.5
3
50
50
110
OT1250EP03P 1SCA118453R1001
17.0
4
50
50
92
OT1250EP04P 1SCA118454R1001
19.5
3
50
50
110
OT1600EP03P 1SCA118455R1001
19.0
4
50
50
92
OT1600EP04P 1SCA118456R1001
22.0
Icw / 1 s = 55 kA, Icw / 0.25 s = 80 kA, Icm = 176 kA (peak)
3
55
80
176
OT2000EP03P 1SCA118457R1001
42.0
4
55
80
176
OT2000EP04P 1SCA118458R1001
49.0
3
55
80
176
OT2500EP03P 1SCA118459R1001
42.0
4
55
80
176
OT2500EP04P 1SCA118460R1001
49.0
Manual switch-disconnectors OT160...4000, IEC
Ordering information for earthing switches
OT1600EP04P
OT1000...1250EP03P
OT2000...2500EP03P
ABB SWITCH-DISCONNECTORS – HIGH PERFORMANCE, COMPACT SOLUTION
85
ABB SWITCH-DISCONNECTORS – HIGH PERFORMANCE, COMPACT SOLUTION
85



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com