Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OPS2 Datasheet(PDF) 41 Page - ABB

Part # OPS2
Description  Switch-disconnectors High performance, compact solution
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABB [ABB]
Direct Link  http://www.abb.com
Logo ABB - ABB

OPS2 Datasheet(HTML) 41 Page - ABB

Back Button OPS2 Datasheet HTML 37Page - ABB OPS2 Datasheet HTML 38Page - ABB OPS2 Datasheet HTML 39Page - ABB OPS2 Datasheet HTML 40Page - ABB OPS2 Datasheet HTML 41Page - ABB OPS2 Datasheet HTML 42Page - ABB OPS2 Datasheet HTML 43Page - ABB OPS2 Datasheet HTML 44Page - ABB OPS2 Datasheet HTML 45Page - ABB Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 192 page
background image
Accessories for manual switch-disconnectors OT16...160
Ordering information for handles
OZ331_B
OZ371PB
OZ331_RY
OHB_
OHY_
OHG45J6
OHZX6
Round padlockable handles for base and DIN-rail mounted switches OT16...125
Padlockable in 0-position, max 3 padlocks with max 8 mm hasp diameter.
Indication I-O and ON-OFF.
Suitable for switches
Colour
Type
Order code
Weight/
unit
kg
One hole mounting handle, IP65, NEMA 4X outdoor, size 66x66
OT16...125F, OT30...100F
Black
OZ331SPB
1SCA112983R1001
0.05
Red-yellow
OZ331SPRY 1SCA113097R1001
0.05
IP67, NEMA 4X, size 66x66
OT16...125F, OT30...100F
Black
OZ331P67B 1SCA111427R1001
0.04
Red-yellow
OZ331P67RY 1SCA111429R1001
0.04
Handles with door coupling in ON-position, not defeatable, IP65, NEMA 4X, size 66x66
Shaft alignment ring for OZ371P_ handle, see page 47.
OT16...125F, OT30...100F
Black
OZ371PB
1SCA111684R1001
0.05
Red-yellow
OZ371PRY
1SCA111685R1001
0.05
Pistol handles for base and DIN-rail mounted switches OT16...125F and OT160G
For shaft diameter 6 mm, IP65, NEMA 1, 3R, 12, padlockable with three padlocks in
OFF-position, door interlock in ON-position. Screw fixing from the back side of the handle.
No screws on the front ensures double insulation. Indication in types OHB and
OHY: I-0, ON-OFF, in types OHG: I-0.
Handle length mm
Colour
Type
Order code
Weight/
unit
kg
45
Black
OHB45J6
1SCA022380R8770
0.10
45
Red-yellow
OHY45J6
1SCA022380R8930
0.10
45
Grey
OHG45J6
1SCA022380R8850
0.10
- Door interlocking in ON-position means that the door can not be opened, when the handle is in ON-position.
Door interlocking can be defeated in IP65 types to allow authorized personnel access for inspection.
- Handles padlockable in ON and OFF positions available on request.
- The door is locked when the handle is padlocked. The padlocked handle is not defeatable.
Pistol handle mounting kit for OT 100...125 FT_ and OT160GT switches
Mounting kit OHZX6 consists of door mount handle fixing plate, screws and shaft.
The pistol handle is not included.
Suitable for switches
Colour
Type
Order code
Weight/
unit
kg
OT100...125 FT_,
OT30...100FT, OT160GT
Black
OHZX6
1SCA022559R5670
0.01
ABB SWITCH-DISCONNECTORS – HIGH PERFORMANCE, COMPACT SOLUTION
41
ABB SWITCH-DISCONNECTORS – HIGH PERFORMANCE, COMPACT SOLUTION
41



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com