Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OPS2 Datasheet(PDF) 69 Page - ABB

Part # OPS2
Description  Switch-disconnectors High performance, compact solution
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABB [ABB]
Direct Link  http://www.abb.com
Logo ABB - ABB

OPS2 Datasheet(HTML) 69 Page - ABB

Back Button OPS2 Datasheet HTML 65Page - ABB OPS2 Datasheet HTML 66Page - ABB OPS2 Datasheet HTML 67Page - ABB OPS2 Datasheet HTML 68Page - ABB OPS2 Datasheet HTML 69Page - ABB OPS2 Datasheet HTML 70Page - ABB OPS2 Datasheet HTML 71Page - ABB OPS2 Datasheet HTML 72Page - ABB OPS2 Datasheet HTML 73Page - ABB Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 192 page
background image
Manual switch-disconnectors OT160...4000, IEC
Technical data
Technical data according to IEC 60947-3
Switch type
OT160EV
OT200E
OT250E
OT315E
OT400E
OT630E
OT800E
Rated insulation voltage and
rated operational voltage AC-20, DC-20
Pollution degree 3
1 000 V
1 000 V
1 000 V
1 000 V
V 1 000
1 000 V
1 000 V
Dielectric strength
50 Hz 1 min.
10 kV
10 kV
10 kV
10 kV
10 kV
10 kV
10 kV
Rated impulse withstand voltage
12 kV
12 kV
12 kV
12 kV
12 kV
12 kV
12 kV
Rated thermal current and
rated operational current AC-20, DC-20
In open air
200 A
200 A
250 A
315 A
400 A
630 A
800 A
in ambient 40 °C 4)
In enclosure
160 A
200 A
250 A
315 A
400 A
630 A
800 A
...with minimum cable cross section
Cu
70 mm²
95 mm²
120 mm²
185 mm²
240 mm²
2x185 mm²
2x240 mm²
Rated operational current, AC-21A
≤ 500 V
200 A
200 A
250 A
315 A
400 A
630 A
800 A
690 V
160 A
200 A
250 A
315 A
400 A
630 A
800 A
1000 V
160 A
200 A
250 A
315 A
400 A
630 A
800 A
Rated operational current, AC-22A
≤ 500 V
200 A
200 A
250 A
315 A
400 A
630 A
800 A
690 V
160 A
200 A
250 A
315 A
400 A
630 A
800 A
1000 V
160 A
200 A
250 A
315 A
400 A
630 A
800 A
Rated operational current, AC-23A
≤ 500 V
160 A
200 A
250 A
315 A
400 A
630 A
800 A
690 V
160 A
200 A
250 A
315 A
400 A
630 A
800 A
1000 V
135 A
135 A
135 A
200 A
200 A
400 A
400 A
Rated operational current /
poles in series, DC-21A 1)
24...110 V
160 A/2
200 A/2
250 A/2
315 A/1 2)
400 A/1 2)
630 A/1
800 A/1
220 V
160 A/2
200 A/2
250 A/2
315 A/2 2)
400 A/2 2)
630 A/1
800 A/1
440 V
160 A/3
200 A/3
250 A/3
315 A/3
360 A/3
630 A/2
800 A/2
660 V
160 A/4
200 A/4
230 A/4 2)
315 A/4
360 A/4
630 A/4 2)
650 A/4 2)
Rated operational current /
poles in series, DC-21B
800 V
160 A/5
200 A/5
250 A/5
315 A/5
400 A/5
600 A/5
600 A/5
1000 V
160 A/6
200 A/6
250 A/6
315 A/6
400 A/6
600 A/6
600 A/6
Rated operational power, AC-23 3)
230 V
48 kW
60 kW
75 kW
100 kW
132 kW
200 kW
250 kW
400 V
80 kW
110 kW
140 kW
160 kW
220 kW
355 kW
450 kW
415 V
88 kW
110 kW
145 kW
180 kW
230 kW
355 kW
450 kW
500 V
112 kW
132 kW
170 kW
220 kW
280 kW
400 kW
560 kW
690 V
144 kW
200 kW
250 kW
315 kW
400 kW
630 kW
800 kW
Rated breaking capacity
in category AC-23
≤ 500 V
1 280 A
1 600 A
2 000 A
2 520 A
3 200 A
5 040 A
6 400 A
690 V
1 280 A
1 600 A
2 000 A
2 520 A
3 200 A
5 040 A
6 400 A
Rated conditional short-circuit current
Iq(r.m.s.) and corresponding max. allowed
cut-off current Îc. The cut-off current Îc.
refers to values listed by fuse manufacturers
(single phase test acc. to IEC60269)
Iq 100kA, 500V
Max. OFA_fuse size
Îc
40.5 kA
40.5 kA
40.5 kA
61.5 kA
61.5 kA
90 kA
90 kA
gG/aM
315 A/315 A 315 A/315 A 315 A/315 A 500 A/450 A 500 A/450 A 800 A/1 000 A 800 A/1 000 A
Iq 80kA, 690V
Max. OFA_fuse size
Îc
40.5 kA
40.5 kA
40.5 kA
59 kA
59 kA
83.5 kA
83.5 kA
gG/aM
355 A/315 A 355 A/315 A 355 A/315 A 500 A/500 A 500 A/500 A 800 A/1 000 A 800 A/1 000 A
lq 100kA, 690V
Max. fuse size
gG/aM
250A/250A 250A/250A 250A/250A -/400A
-/400A
-/630A
-/630A
Rated short-time withstand current
r.m.s. value Icw
≤ 1000 V 0.15 s 15 kA
15 kA
15 kA
31 kA
31 kA
38 kA
38 kA
≤ 1000 V 0.25 s 15 kA
15 kA
15 kA
24 kA
24 kA
36 kA
36 kA
≤ 1000 V 1 s
8 kA
8 kA
8 kA
15 kA
15 kA
20 kA
20 kA
Rated short-circuit making capacity
Peak value Icm
≤ 1000 V
30 kA
30 kA
30 kA
65 kA
65 kA
80 kA
80 kA
Rated capacitor power when
no initial charge on the capacitor
The capacitor
ratings are limited
by the fuse links
415 V
80 kVAr
100 kVAr
115 kVAr
145 kVAr
180 kVAr
250 kVAr
310 kVAr
500 V
96 kVAr
120 kVAr
135 kVAr
175 kVAr
215 kVAr
300 kVAr
375 kVAr
690 V
128 kVAr
160 kVAr
190 kVAr
250 kVAr
325 kVAr
450 kVAr
550 kVAr
Power loss / pole
With rated current
3.2 W
4 W
6.5 W
6.5 W
10 W
25 W
40 W
Mechanical endurance
Divide by two for oper.
cycles
20 000 Oper. 20 000 Oper. 20 000 Oper. 16 000 Oper. 16 000 Oper. 10 000 Oper. 10 000 Oper.
Weight without accessories
3-pole switch
1.3 kg
1.3 kg
1.3 kg
2.8 kg
2.8 kg
6.1 kg
6.1 kg
Terminal bolt size
Metric thread
diameter x length
M8x25 mm M8x25 mm M8x25 mm M10x30 mm M10x30 mm M12x40 mm
M12x40 mm
Terminal tightening torque
Counter torque required
15-22 Nm
15-22 Nm
15-22 Nm
30-44 Nm
30-44 Nm
50-75 Nm
50-75 Nm
Operating torque
3-pole switch
disconnector
7 Nm
7 Nm
7 Nm
16 Nm
16 Nm
27 Nm
27 Nm
1)
Further ratings on request.
2)
Category B.
3)
These values are given for guidance and may vary acc. to the motor manufacturer.
4)
Acc. to IEC 60947-1, § 6.1.1.
ABB SWITCH-DISCONNECTORS – HIGH PERFORMANCE, COMPACT SOLUTION
69
ABB SWITCH-DISCONNECTORS – HIGH PERFORMANCE, COMPACT SOLUTION
69



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com