Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JS1224LIN Datasheet(PDF) 5 Page - Clarke International

Part # JS1224LIN
Description  12/24V JUMPSTARTER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARKE [Clarke International]
Direct Link  https://www.clarkeinternational.com/
Logo CLARKE - Clarke International

JS1224LIN Datasheet(HTML) 5 Page - Clarke International

  JS1224LIN Datasheet HTML 1Page - Clarke International JS1224LIN Datasheet HTML 2Page - Clarke International JS1224LIN Datasheet HTML 3Page - Clarke International JS1224LIN Datasheet HTML 4Page - Clarke International JS1224LIN Datasheet HTML 5Page - Clarke International JS1224LIN Datasheet HTML 6Page - Clarke International JS1224LIN Datasheet HTML 7Page - Clarke International JS1224LIN Datasheet HTML 8Page - Clarke International JS1224LIN Datasheet HTML 9Page - Clarke International Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
5
Parts & Service: 020 8988 7400 / E-mail: Parts@clarkeinternational.com or Service@clarkeinternational.com
COMPONENT IDENTIFICATION
1 LED Work Light
8
24V Stage Indicator
2 Temperature Indicator
9
12V Stage Indicator
3 On/Off Button
10 12V to 24V Manual Shift Button
4 Starting/Connection Indicator
11 Black Negative (-) Cable & Clamp
5 Battery Status Indicator
12 Red Positive (+) Cable & Clamp
6 USB Indicator
13 Input Charging Adaptor
7 USB Charging Port
14 Input Charging Port (Not Shown, on
Reverse of Jumpstarter)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com