Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JS1224LIN Datasheet(PDF) 3 Page - Clarke International

Part # JS1224LIN
Description  12/24V JUMPSTARTER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARKE [Clarke International]
Direct Link  https://www.clarkeinternational.com/
Logo CLARKE - Clarke International

JS1224LIN Datasheet(HTML) 3 Page - Clarke International

  JS1224LIN Datasheet HTML 1Page - Clarke International JS1224LIN Datasheet HTML 2Page - Clarke International JS1224LIN Datasheet HTML 3Page - Clarke International JS1224LIN Datasheet HTML 4Page - Clarke International JS1224LIN Datasheet HTML 5Page - Clarke International JS1224LIN Datasheet HTML 6Page - Clarke International JS1224LIN Datasheet HTML 7Page - Clarke International JS1224LIN Datasheet HTML 8Page - Clarke International JS1224LIN Datasheet HTML 9Page - Clarke International Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
3
Parts & Service: 020 8988 7400 / E-mail: Parts@clarkeinternational.com or Service@clarkeinternational.com
GENERAL SAFETY RULES
1. ALWAYS ensure when jump-starting that air can circulate freely around the
jumpstart.
2. NEVER allow the negative and positive leads on this unit to touch each
other or to touch the same metal object. NEVER allow the cables to
become wrapped around the operator or any other person.
3. Although the jumpstarter may be used outdoors, DO NOT leave it exposed
to the elements. AVOID direct sunlight, direct heat, rain/moisture etc.
4. DO NOT operate the jumpstarter if any of the cables are damaged.
Consult your CLARKE dealer for repair or replacement.
5. DO NOT operate the jumpstarter if the case is damaged, NEVER attempt
any repairs yourself. Consult your CLARKE dealer or a qualified person for
inspection and repair.
6. Ensure the vehicle battery posts and battery clamps are perfectly clean
before use.
7. ALWAYS wear suitable protective clothing and eye protection when
working with lead-acid batteries.
8. The jumpstarter is NOT designed to be used as a replacement for the
vehicle battery.
9. DO NOT attempt to BOOST CHARGE the jumpstarter's sealed battery.
10. ALWAYS keep your body and clothing dry. NEVER work in damp area
without adequate insulation against electric shock.
11. NEVER jump-start the engine whilst the jumpstarter is being charged.
12. ALWAYS store the jumpstarter out of reach of children.
13. If acid comes into contact with the eyes, flush the eyes with clean water
continuously and seek medical help immediately.
14. If splashed by battery acid, immediately flush the area of the splash with
clean water. If a burning sensation is felt or any blistering occurs, seek
medical help immediately
WARNING: HYDROGEN GAS AND BATTERY ACID (SULPHURIC ACID) CAN
BE: EXPLOSIVE, CORROSIVE TO SKIN, EYES AND HAIR, DAMAGING TO
CLOTHING AND METALS, FLAMMABLE, POISONOUS TO BREATHE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com