Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JS1224LIN Datasheet(PDF) 11 Page - Clarke International

Part # JS1224LIN
Description  12/24V JUMPSTARTER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARKE [Clarke International]
Direct Link  https://www.clarkeinternational.com/
Logo CLARKE - Clarke International

JS1224LIN Datasheet(HTML) 11 Page - Clarke International

Back Button JS1224LIN Datasheet HTML 7Page - Clarke International JS1224LIN Datasheet HTML 8Page - Clarke International JS1224LIN Datasheet HTML 9Page - Clarke International JS1224LIN Datasheet HTML 10Page - Clarke International JS1224LIN Datasheet HTML 11Page - Clarke International JS1224LIN Datasheet HTML 12Page - Clarke International JS1224LIN Datasheet HTML 13Page - Clarke International JS1224LIN Datasheet HTML 14Page - Clarke International JS1224LIN Datasheet HTML 15Page - Clarke International Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
11
Parts & Service: 020 8988 7400 / E-mail: Parts@clarkeinternational.com or Service@clarkeinternational.com
DAILY CARE
Always ensure the cables & clamps are in good condition and the clamps are
clean and corrosion free. If damaged they should be replaced. Keep the unit
clean by wiping with a dry cloth. DO NOT use solvents as a cleaning agent.
Keep the unit fully charged at all times.
Always turn the jumpstarter OFF during storage and store in an upright position,
away from direct sunlight, moisture or sources of extreme heat or cold.
NEVER attempt any repair unless your are a qualified technician. Your CLARKE
jumpstarter has been designed to give long and trouble free service. If,
however, having followed the instructions in this booklet carefully, you
encounter problems, take the unit to your local CLARKE dealer.
Q&A / TROUBLESHOOTING
Question
Answer
Why didn’t my
Jumpstarter start my
vehicle?
There could be a number of reasons why the
Jumpstarter didn’t start your vehicle.
a) Ensure the Jumpstarter battery is fully charged
b) Ensure you have followed the correct operat-
ing procedures and the clamps are well con-
nected.
c) Ensure the vehicle operates on 12V DC or 24V
DC.
d) When the car battery voltage is less than 2.5V,
ensure that the clamps are well connected,
then press the On/Off button for 5 seconds, the
device will detect the connection with a warn-
ing sound, when pressed for 10 seconds the
device will be activated for starting.
e) Ensure the vehicle is not over 10 litres in size.
How do I turn off the
jumpstarter?
The jumpstarter has intelligent detection function. If
there is no load, or the starter is charged for a long
time, it will automatically fall into ‘sleep mode’ and
save the energy.
How long do I have to
charge the
jumpstarter for?
Usually 6 - 8 hours. It will automatically stop charging
after the starter is fully charged.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com