Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JS1224LIN Datasheet(PDF) 2 Page - Clarke International

Part # JS1224LIN
Description  12/24V JUMPSTARTER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARKE [Clarke International]
Direct Link  https://www.clarkeinternational.com/
Logo CLARKE - Clarke International

JS1224LIN Datasheet(HTML) 2 Page - Clarke International

  JS1224LIN Datasheet HTML 1Page - Clarke International JS1224LIN Datasheet HTML 2Page - Clarke International JS1224LIN Datasheet HTML 3Page - Clarke International JS1224LIN Datasheet HTML 4Page - Clarke International JS1224LIN Datasheet HTML 5Page - Clarke International JS1224LIN Datasheet HTML 6Page - Clarke International JS1224LIN Datasheet HTML 7Page - Clarke International JS1224LIN Datasheet HTML 8Page - Clarke International JS1224LIN Datasheet HTML 9Page - Clarke International Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
2
Parts & Service: 020 8988 7400 / E-mail: Parts@clarkeinternational.com or Service@clarkeinternational.com
INTRODUCTION
Thank you for purchasing this CLARKE Jumpstarter.
The JS1224LiN is a rechargable power pack which can be used to start a car in
the event of a flat battery. The unit can also be used to power electrical
appliances via a cigarette lighter type socket using the adaptor supplied. The
unit also incorporates a built-in lamp and may be used as a stand alone light
source. A visual warning will appear in the event that the clamps are
incorrectly fitted for jump starting (wrong polarity).
Before attempting to use this product, please read this manual thoroughly and
follow the instructions carefully. In doing so you will ensure the safety of yourself
and that of others around you, and you can look forward to your purchase
giving you long and satisfactory service.
Please keep these instructions in a safe place for future reference.
SPECIFICATIONS
Please note that the details and specifications contained herein, are correct
at the time of going to print. However, CLARKE International reserve the right
to change specifications at any time without prior notice.
Item
Specification
Product Size (D x W x H)
120mm x 248mm x 230mm
Weight
2.2kg
Insulation/Protection Class
Class II (Charger)
Max Output Current (12V)
Starting 600A, Peak 1200A
Max Output Current (24V)
Starting 400A, Peak 900A
Input Voltage
230V-50Hz
Battery Type
Sealed Re-chargeable Lithium-ion
Electric Charge Value
4,000mAh
Charge/Discharge Current
Nominal: 500mA, Maximum: 4000mA
Estimated Engine Starting Capacity
Up to 4 Litres (Diesel) or
6 Litres (Petrol)
Charge Lifetime (Based on 3L Engine)
Approx. 20 Vehicle Starts
Charging Time
6-8 Hours
Auxiliary (USB) Socket Output
5V DC / 2.1A
COB LED Worklight
3.2V / 1W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com