Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JS1224LIN Datasheet(PDF) 6 Page - Clarke International

Part # JS1224LIN
Description  12/24V JUMPSTARTER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARKE [Clarke International]
Direct Link  https://www.clarkeinternational.com/
Logo CLARKE - Clarke International

JS1224LIN Datasheet(HTML) 6 Page - Clarke International

Back Button JS1224LIN Datasheet HTML 2Page - Clarke International JS1224LIN Datasheet HTML 3Page - Clarke International JS1224LIN Datasheet HTML 4Page - Clarke International JS1224LIN Datasheet HTML 5Page - Clarke International JS1224LIN Datasheet HTML 6Page - Clarke International JS1224LIN Datasheet HTML 7Page - Clarke International JS1224LIN Datasheet HTML 8Page - Clarke International JS1224LIN Datasheet HTML 9Page - Clarke International JS1224LIN Datasheet HTML 10Page - Clarke International Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
6
Parts & Service: 020 8988 7400 / E-mail: Parts@clarkeinternational.com or Service@clarkeinternational.com
CHARGING JUMPSTARTER
CAUTIONS
1. ALWAYS use the original charger for charging. Unqualified chargers will
shorten the life of the product and may even be dangerous.
2. ALWAYS charge the unit before using for the first time (see below).
3. DO NOT charge for long periods of time unattended.
4. ALWAYS charge in a well ventilated area and on a non-flammable surface.
5. NEVER try and jump start while the device is being charged.
6. After each use, press the On/Off button. When the battery level is showing
a yellow light, the device should be charged as soon as possible. If the red
light is showing then charge immediately.
CHECKING THE JUMPSTARTER CHARGE LEVEL
1. Press the On/Off button.
• The battery status indicator light will
show either Red (25%), Yellow (75%)
or Green (100%).
CHARGING THE JUMPSTARTER
1. Charge your jumpstarter battery fully before
using it for the first time.
2. Insert the input charging adaptor into the input
charging port on the rear of the Jumpstarter.
3. Insert the charger into a mains power outlet and
switch on.
• During charging, the battery indicator light
will flash relative to the charging stage, Red
(25%), Yellow (75%), Green (100%).
• Charging will take a maximum of 6-8 hours,
depending on how much charge is still left in
the jumpstarter.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com