Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JS1224LIN Datasheet(PDF) 9 Page - Clarke International

Part # JS1224LIN
Description  12/24V JUMPSTARTER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARKE [Clarke International]
Direct Link  https://www.clarkeinternational.com/
Logo CLARKE - Clarke International

JS1224LIN Datasheet(HTML) 9 Page - Clarke International

Back Button JS1224LIN Datasheet HTML 5Page - Clarke International JS1224LIN Datasheet HTML 6Page - Clarke International JS1224LIN Datasheet HTML 7Page - Clarke International JS1224LIN Datasheet HTML 8Page - Clarke International JS1224LIN Datasheet HTML 9Page - Clarke International JS1224LIN Datasheet HTML 10Page - Clarke International JS1224LIN Datasheet HTML 11Page - Clarke International JS1224LIN Datasheet HTML 12Page - Clarke International JS1224LIN Datasheet HTML 13Page - Clarke International Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
9
Parts & Service: 020 8988 7400 / E-mail: Parts@clarkeinternational.com or Service@clarkeinternational.com
TEMPERATURE INDICTOR CHART
OVERRIDE JUMPSTARTING
A battery with some charge must be connected to the vehicle circuit in order
for the jumpstarter to select a start voltage. If the terminals are bad/loose fit on
the battery, or the battery is so low as not to register a voltage then the
jumpstarter will not select or provide a voltage. To override this issue carry out
the following:
1. Tighten all connections and terminations on the vehicle battery.
2. Ensure the clamps are correctly connected to the battery terminals.
3. Press the On/Off button for 10 seconds, the
start/connection indicator will flash and
there will be a warning sound. This will put
the jumpstarter into the override start
mode.
NOTE: Override for 24V Battery. When a 24V
battery is lower than 15.5V, the
jumpstarter will only activate on 12V
mode. To turn the jumpstarter to 24V
mode, press the 24V Manual Shift
Button for 10 seconds.
4. Attempt the vehicle ignition sequence.
Duration of ignition should not exceed 5
seconds to avoid overheating.
5. If the vehicle does not start successfully, wait 3 minutes before trying again.
6. If the vehicle starts, push the On/Off button to turn the jumpstarter off and
disconnect the clamps, with the black clamp removed first.
7. Recharge the jumpstarter after each use.
Red
LED
Sound Description
1Off
Off
Normal
Temperature,
enabled for
jumpstarting
2On
On
Over Temperature,
DO NOT USE for
jumpstarting



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com