Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JS1224LIN Datasheet(PDF) 8 Page - Clarke International

Part # JS1224LIN
Description  12/24V JUMPSTARTER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARKE [Clarke International]
Direct Link  https://www.clarkeinternational.com/
Logo CLARKE - Clarke International

JS1224LIN Datasheet(HTML) 8 Page - Clarke International

Back Button JS1224LIN Datasheet HTML 4Page - Clarke International JS1224LIN Datasheet HTML 5Page - Clarke International JS1224LIN Datasheet HTML 6Page - Clarke International JS1224LIN Datasheet HTML 7Page - Clarke International JS1224LIN Datasheet HTML 8Page - Clarke International JS1224LIN Datasheet HTML 9Page - Clarke International JS1224LIN Datasheet HTML 10Page - Clarke International JS1224LIN Datasheet HTML 11Page - Clarke International JS1224LIN Datasheet HTML 12Page - Clarke International Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
8
Parts & Service: 020 8988 7400 / E-mail: Parts@clarkeinternational.com or Service@clarkeinternational.com
starting stage and the 12V LED indicator will be stable green and the
starting/connection indicator will flash green. When the vehicle battery
voltage is detected between 15.5V and 30V, the jumpstarter will
automatically set to the 24V starting stage and the 24V LED indicator will
be a stable green and the starting/connection indicator will flash green.
5. When the connection indicator starts flashing, press the On/Off button, this
will turn the indicator to a stable solid green and the system will be ready
for use.
NOTE: If you do not achieve the above, consult the chart below.
STARTING/CONNECTION INDICTOR CHART
6. Attempt the vehicle ignition sequence. Duration of ignition should not
exceed 5 seconds to avoid overheating.
7. If the vehicle does not start successfully, wait 3 minutes before trying again.
8. If the vehicle starts, push the On/Off button to turn the jumpstarter off and
disconnect the clamps, with the black clamp removed first.
9. Recharge the jumpstarter after each use.
10. If ignition waiting time exceeds 3 minutes, the jumpstarter will automatically
turn itself off. Push the On/Off button or reconnect the clamps for the next
jumpstart.
Green
LED
Red
LED
Sound
Description
1
On
Off
Off
Correct connections, jumpstarting enabled
2
Flashing
Off
Off
Correct connections, ready for jumpstart by
pressing the On/Off button
3Off
Fast
Flashing
On
Wrong connection (Reverse Polarity),
reconnect clamps correctly
4Off
Slow
Flashing
On
Vehicle battery over voltage, not suitable for
jumpstarting
5Slow
Flashing
Off
On
Override is activated for jumpstarting
6
Off
On
On
Short circuit connection, warning under
override



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com