Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JS1224LIN Datasheet(PDF) 10 Page - Clarke International

Part # JS1224LIN
Description  12/24V JUMPSTARTER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARKE [Clarke International]
Direct Link  https://www.clarkeinternational.com/
Logo CLARKE - Clarke International

JS1224LIN Datasheet(HTML) 10 Page - Clarke International

Back Button JS1224LIN Datasheet HTML 6Page - Clarke International JS1224LIN Datasheet HTML 7Page - Clarke International JS1224LIN Datasheet HTML 8Page - Clarke International JS1224LIN Datasheet HTML 9Page - Clarke International JS1224LIN Datasheet HTML 10Page - Clarke International JS1224LIN Datasheet HTML 11Page - Clarke International JS1224LIN Datasheet HTML 12Page - Clarke International JS1224LIN Datasheet HTML 13Page - Clarke International JS1224LIN Datasheet HTML 14Page - Clarke International Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
10
Parts & Service: 020 8988 7400 / E-mail: Parts@clarkeinternational.com or Service@clarkeinternational.com
8. If ignition waiting time exceeds 3 minutes, the jumpstarter will automatically
turn itself off. Push the On/Off button or reconnect the clamps for the next
jumpstart.
RUNNING/CHARGING USB DEVICES
1. Connect a USB cable to the jumpstarters
USB charging port
2. Double click the On/Off button, which
will provide 5V/2.1A charging power.
3. Plug the appropriate connector on the
USB cable into the device that requires
charging.
NOTE: When a loading current of over
2.4A is detected, the jumpstarter
will shut down the USB charging
port.
4. Double click the On/Off button to turn
off the USB charging port. If the port is
unused for 10 seconds the jumpstarter will automatically turn the port off.
USING THE LED WORK LIGHT
1. Press and hold the On/Off button
for about 3 seconds to turn the
light on.
2. To rotate through the light working
modes, press the On/Off button
as follows:
• Turning On: 100% Brightness
• 1st Short Press: 50% Dim Light
• 2nd Short Press: Slow Flash
• 3rd Short Press: Fast Flash
• 4th Short Press: SOS
• 5th Short Press: Turn Light Off
3. After continuing to work for more than 5 seconds in any working mode,
short press the On/Off button to turn the light off.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com