Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JS1224LIN Datasheet(PDF) 12 Page - Clarke International

Part # JS1224LIN
Description  12/24V JUMPSTARTER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CLARKE [Clarke International]
Direct Link  https://www.clarkeinternational.com/
Logo CLARKE - Clarke International

JS1224LIN Datasheet(HTML) 12 Page - Clarke International

Back Button JS1224LIN Datasheet HTML 8Page - Clarke International JS1224LIN Datasheet HTML 9Page - Clarke International JS1224LIN Datasheet HTML 10Page - Clarke International JS1224LIN Datasheet HTML 11Page - Clarke International JS1224LIN Datasheet HTML 12Page - Clarke International JS1224LIN Datasheet HTML 13Page - Clarke International JS1224LIN Datasheet HTML 14Page - Clarke International JS1224LIN Datasheet HTML 15Page - Clarke International JS1224LIN Datasheet HTML 16Page - Clarke International  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
12
Parts & Service: 020 8988 7400 / E-mail: Parts@clarkeinternational.com or Service@clarkeinternational.com
How many times can I
charge my mobile
device?
Between 2 - 6 times, depending on the capacity and
size of the device.
How long can I leave
the jumpstarter once
charged?
There should be no problem storing for 6 - 12 months,
but in order to prolong the service life, it is
recommended to fully charge the starter once every
3 - 4 months.
How many starts can I
get from a fully
charged starter?
Depends on the displacement, the number of starts
can vary.For example, if it is a 3 litre vehicle, it could
have 20+ starts.
What are the
protection features of
this product?
There are 10 protections, as follows:
a) Reverse Polarity Protection: Prevents harm if
clamps are reversed.
b) 12/24V Wrong Connection Protection: In case
of wrong selection of voltage between 12V and
24V
c) Overcurrent Protection: Prevents damage to
the product caused by excessive input charging
current
d) Short Circuit Protection: Prevents the clamps
from shorting between the positive and negative
poles
e) Overcharge Protection: When fully charged or
external input voltage is too high, the device will
not accept charge
f) Reverse Charge Protection: Stops any reverse
charging from the vehicle after jump starting
g) Over Discharge Protection: Keeps the device
from discharging when the battery is too low
h) Over Temperature Protection: Automatically
stops working when the temperature gets too
high during charging, lighting and USB interface
use
i) Over Time Protection: Device will automatically
turn off when not being used
j) Spark Proof Protection: Prevents sparks when
clamps are connecting to vehicle battery



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com