Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M616Z08 Datasheet(PDF) 7 Page - STMicroelectronics

Part # M616Z08
Description  128 Kbit 8 Kbit x 16 SRAM WITH OUTPUT ENABLE
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M616Z08 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button M616Z08 Datasheet HTML 3Page - STMicroelectronics M616Z08 Datasheet HTML 4Page - STMicroelectronics M616Z08 Datasheet HTML 5Page - STMicroelectronics M616Z08 Datasheet HTML 6Page - STMicroelectronics M616Z08 Datasheet HTML 7Page - STMicroelectronics M616Z08 Datasheet HTML 8Page - STMicroelectronics M616Z08 Datasheet HTML 9Page - STMicroelectronics M616Z08 Datasheet HTML 10Page - STMicroelectronics M616Z08 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
7/14
M616Z08
Figure 6. Chip Enable or Output Enable Controlled, READ Mode AC Waveforms
Table 6. READ Mode AC Characteristics
Note: 1. Valid for Ambient Operating Temperature: TA = –40 to 125°C (except where noted).
2. CL = 5pF.
Symbol
Parameter(1)
M616Z08
Unit
–20
2.34 to 3.0V
3.0 to 3.6V
Min
Max
Min
Max
tAVAV
READ Cycle Time
36
20
ns
tAVQV
Address Valid to Output Valid
36
20
ns
tELQV
Chip Enable Low to Output Valid
36
20
ns
tGLQV
Output Enable Low to Output Valid
20
10
ns
tELQX
Chip Enable Low to Output Transition
0
0
ns
tGLQX
Output Enable Low to Output Transition
0
0
ns
tEHQZ
(2)
Chip Enable High to Output Hi-Z
10
10
ns
tGHQZ
(2)
Output Enable High to Output Hi-Z
10
10
ns
tAXQX
Address Transition to Output Transition
0
0
ns
tAVAV
tAVQV
tAXQX
tELQV
tELQX
tEHQZ
tGLQV
tGLQX
tGHQZ
VALID
A0-A12
CE
OE
DQ0-DQ15
VALID
AI05638



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com