Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M616Z08 Datasheet(PDF) 3 Page - STMicroelectronics

Part # M616Z08
Description  128 Kbit 8 Kbit x 16 SRAM WITH OUTPUT ENABLE
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M616Z08 Datasheet(HTML) 3 Page - STMicroelectronics

  M616Z08 Datasheet HTML 1Page - STMicroelectronics M616Z08 Datasheet HTML 2Page - STMicroelectronics M616Z08 Datasheet HTML 3Page - STMicroelectronics M616Z08 Datasheet HTML 4Page - STMicroelectronics M616Z08 Datasheet HTML 5Page - STMicroelectronics M616Z08 Datasheet HTML 6Page - STMicroelectronics M616Z08 Datasheet HTML 7Page - STMicroelectronics M616Z08 Datasheet HTML 8Page - STMicroelectronics M616Z08 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
3/14
M616Z08
DESCRIPTION
The M616Z08 is a 128 Kbit (131,072 bit) CMOS
SRAM, organized by 16 bits. The device features
fully static operation requiring no external clocks or
timing strobes, with equal address access and cy-
cle times. It requires a single 2.6V ± 10% or
3.3V ± 10% supply, and all inputs and outputs are
TTL compatible.
The M616Z08 is available in a 44-lead SOIC pack-
age.
Figure 3. 44-pin Connections
Note: TO Pin should be connected to VCC.
AI04212
22
44
43
DQ15
1
DQ11
DQ4
DQ7
VCC
DQ10
DQ5
DQ6
A08
A04
A07
TO
A11
CE
OE
A05
A12
M616Z08
10
2
5
6
7
8
9
11
12
13
14
15
21
40
39
36
35
34
33
32
31
30
29
28
VSS
VCC
VCC
A10
3
4
38
37
42
41
VSS
VCC
VSS
A03
DQ12
DQ13
A01
A02
VCC
16
17
18
19
20
27
26
25
24
23
DQ9
DQ8
VSS
DQ1
DQ3
DQ2
A00
A06
WE0
WE1
VSS
DQ0
DQ14
A9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com