Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M616Z08 Datasheet(PDF) 11 Page - STMicroelectronics

Part # M616Z08
Description  128 Kbit 8 Kbit x 16 SRAM WITH OUTPUT ENABLE
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M616Z08 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button M616Z08 Datasheet HTML 6Page - STMicroelectronics M616Z08 Datasheet HTML 7Page - STMicroelectronics M616Z08 Datasheet HTML 8Page - STMicroelectronics M616Z08 Datasheet HTML 9Page - STMicroelectronics M616Z08 Datasheet HTML 10Page - STMicroelectronics M616Z08 Datasheet HTML 11Page - STMicroelectronics M616Z08 Datasheet HTML 12Page - STMicroelectronics M616Z08 Datasheet HTML 13Page - STMicroelectronics M616Z08 Datasheet HTML 14Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
11/14
M616Z08
PART NUMBERING
Table 10. Ordering Information Example
For a list of available options (e.g., Speed, Package) or for further information on any aspect of this device,
please contact the ST Sales Office nearest to you.
Example:
M6
16Z08
–20
MH
3
TR
Device Type
M6
Device Function
16Z08 = 128Kbit (8 x16)
Speed
–20 = 20ns (3.0 to 3.6V)
Package
MH = 44-lead, Hatless SOIC
Temperature Range
3 = –40 to 125°C
Shipping Method for SOIC
blank = Tubes
TR = Tape & Reel



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com