Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M616Z08 Datasheet(PDF) 8 Page - STMicroelectronics

Part # M616Z08
Description  128 Kbit 8 Kbit x 16 SRAM WITH OUTPUT ENABLE
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M616Z08 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button M616Z08 Datasheet HTML 4Page - STMicroelectronics M616Z08 Datasheet HTML 5Page - STMicroelectronics M616Z08 Datasheet HTML 6Page - STMicroelectronics M616Z08 Datasheet HTML 7Page - STMicroelectronics M616Z08 Datasheet HTML 8Page - STMicroelectronics M616Z08 Datasheet HTML 9Page - STMicroelectronics M616Z08 Datasheet HTML 10Page - STMicroelectronics M616Z08 Datasheet HTML 11Page - STMicroelectronics M616Z08 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
M616Z08
8/14
WRITE Mode
The M616Z08 is in the WRITE mode whenever the
WE0 (low memory addresses) or WE1 (high mem-
ory addresses) and CE pins are low (see Table 8,
page 10). Either the Chip Enable input (CE)orthe
WRITE Enable input (WE0 or WE1) must be de-
asserted during Address transitions for subse-
quent WRITE cycles. WRITE begins with the con-
currence of Chip Enable being active with WE0 or
WE1 low. Therefore, address setup time is refer-
enced to WRITE Enable and Chip Enable as tAVWL
and tAVEH respectively, and is determined by the
latter occurring edge.
The WRITE cycle can be terminated by the earlier
rising edge of CE,or WE0/WE1.
if the Output is enabled (CE = Low and OE =Low),
then WE0 or WE1 will return the outputs to high
impedance within tWLQZ of its falling edge. Care
must be taken to avoid bus contention in this type
of operation. Data input must be valid for tDVWH
before the rising edge of WRITE Enable, or for tD-
VEH before the rising edge of CE, whichever oc-
curs first, and remain valid for tWHDX or tEHDX.
Note: When using MCP555 with TO Pin high, re-
laxed WRITE timing (CSNT = 1inthe chip select
configuration register) should be selected.
Figure 7. WRITE Enable Controlled, WRITE Mode AC Waveforms
Figure 8. Chip Enable Controlled, WRITE Mode AC Waveforms
Note: 1. Output Enable (OE) = High.
2. If CE goes High with WE0 or WE1 high, the output remains in a high-impedance state.
tAVAV
tWHAX
tDVWH
DATA INPUT
A0-A12
WE (0,1)
DQ0-DQ15
CE
VALID
tAVWH
tAVEL
tWLWH
tAVWL
tWLQZ
tWHDX
tWHQX
AI04211
tAVAV
tEHAX
tDVEH
DATA INPUT
A0-A12
WE (0,1)
DQ0-DQ15
CE
VALID
tAVEH
tAVEL
tAVWL
tEHDX
tELEH
AI05639



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com