Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M616Z08 Datasheet(PDF) 10 Page - STMicroelectronics

Part # M616Z08
Description  128 Kbit 8 Kbit x 16 SRAM WITH OUTPUT ENABLE
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M616Z08 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button M616Z08 Datasheet HTML 6Page - STMicroelectronics M616Z08 Datasheet HTML 7Page - STMicroelectronics M616Z08 Datasheet HTML 8Page - STMicroelectronics M616Z08 Datasheet HTML 9Page - STMicroelectronics M616Z08 Datasheet HTML 10Page - STMicroelectronics M616Z08 Datasheet HTML 11Page - STMicroelectronics M616Z08 Datasheet HTML 12Page - STMicroelectronics M616Z08 Datasheet HTML 13Page - STMicroelectronics M616Z08 Datasheet HTML 14Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
M616Z08
10/14
“Operational” Mode
The M616Z08 has a Chip Enable power down fea-
ture which invokes an automatic standby mode
whenever Chip Enable is de-asserted (CE =High).
An Output Enable (OE) signal provides a high
speed tri-state control, allowing fast READ/WRITE
cycles to be achieved with the common I/O data
bus. Operational modes are determined by device
control inputs WE0 or WE1 and CE as summa-
rized in “Operating Modes” (see Table 8 and Table
9).
Noise Immunity
When designing with high speed memory, proper
power trace layout and capacitive decoupling
must be maintained to ensure proper system oper-
ation. Power and ground line inductance should be
reduced by providing separate power planes. The
impedance of the decoupling path from the power
pin through the decoupling capacitor should also
be kept to a minimum. Small decoupling capaci-
tors (10nF) should be located as close to the de-
vice pins as possible to limit the high frequency
noise. Larger capacitor values (10uF and 1uF) are
recommended to reduce low frequency noise and
should be placed next to the power entry point of
the board. Proper line termination should also be
employed to minimize signal reflection.
See Motorola Semiconductor Application Note
AN2127/D for additional Electromagnetic Compat-
ibility (EMC) system design guidelines.
Table 8. WE(0,1) States during Access
Table 9. Operating Modes
Note: 1. X = '1' or '0'
WRITE Enable
Used during 16-bit Port Access
WE0
WRITE Enable for DQ (0-7)
WE1
WRITE Enable for DQ (8-15)
Operation
CE
OE
WE0
WE1
DQ0–DQ7
DQ8–15
Deselect
VIH
X(1)
X(1)
X(1)
Hi-Z
Hi-Z
Word WRITE
VIL
VIH
VIL
VIL
Hi-Z
Hi-Z
Byte 0 WRITE
VIL
VIH
VIL
VIH
Hi-Z
Hi-Z
Byte 1 WRITE
VIL
VIH
VIH
VIL
Hi-Z
Hi-Z
Byte 0 WRITE, Byte 1 READ
VIL
VIL
VIL
VIH
Hi-Z
Data
Byte 1 WRITE, Byte 0 READ
VIL
VIL
VIH
VIL
Data
Hi-Z
Word READ
VIL
VIL
VIH
VIH
Data
Data



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com