Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M616Z08 Datasheet(PDF) 5 Page - STMicroelectronics

Part # M616Z08
Description  128 Kbit 8 Kbit x 16 SRAM WITH OUTPUT ENABLE
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M616Z08 Datasheet(HTML) 5 Page - STMicroelectronics

  M616Z08 Datasheet HTML 1Page - STMicroelectronics M616Z08 Datasheet HTML 2Page - STMicroelectronics M616Z08 Datasheet HTML 3Page - STMicroelectronics M616Z08 Datasheet HTML 4Page - STMicroelectronics M616Z08 Datasheet HTML 5Page - STMicroelectronics M616Z08 Datasheet HTML 6Page - STMicroelectronics M616Z08 Datasheet HTML 7Page - STMicroelectronics M616Z08 Datasheet HTML 8Page - STMicroelectronics M616Z08 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
5/14
M616Z08
DC AND AC PARAMETERS
This section summarizes the operating and mea-
surement conditions, as well as the DC and AC
characteristics of the device. The parameters in
the following DC and AC Characteristic tables are
derived from tests performed under the Measure-
ment Conditions listed in the relevant tables. De-
signers should check that the operating conditions
in their projects match the measurement condi-
tions when using the quoted parameters.
Table 3. DC and AC Measurement Conditions
Note: Output High Z is defined as the point where data is no longer driven.
Figure 4. AC Testing Load Circuit
Table 4. Capacitance
Note: 1. Effective capacitance measured with power supply at 3.3V; sampled only, not 100% tested.
2. At 25°C; f = 1MHz.
3. Outputs deselected.
Parameter
M616Z08
VCC Supply Voltage
2.34 to 3.0V or 3.0 to 3.6V
Ambient Operating Temperature
–40 to 125°C
Load Capacitance (CL)
50pF
Input Rise and Fall Times
≤ 5ns
Input Pulse Voltages
0to 3V
Input and Output Timing Ref. Voltages
1.5V
CL = 50 pF
or 5pF
DEVICE
UNDER
TEST
2.6 K
Ω
2.6 K
Ω
AI05650
3.0V
OUT
Symbol
Parameter(1,2)
Min
Max
Unit
CIN
Input Capacitance on all pins (except DQ)
10
pF
COUT
(3)
Output Capacitance
10
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com