Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M616Z08 Datasheet(PDF) 1 Page - STMicroelectronics

Part # M616Z08
Description  128 Kbit 8 Kbit x 16 SRAM WITH OUTPUT ENABLE
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M616Z08 Datasheet(HTML) 1 Page - STMicroelectronics

  M616Z08 Datasheet HTML 1Page - STMicroelectronics M616Z08 Datasheet HTML 2Page - STMicroelectronics M616Z08 Datasheet HTML 3Page - STMicroelectronics M616Z08 Datasheet HTML 4Page - STMicroelectronics M616Z08 Datasheet HTML 5Page - STMicroelectronics M616Z08 Datasheet HTML 6Page - STMicroelectronics M616Z08 Datasheet HTML 7Page - STMicroelectronics M616Z08 Datasheet HTML 8Page - STMicroelectronics M616Z08 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
1/14
July 2002
M616Z08
128 Kbit (8 Kbit x 16) SRAM WITH OUTPUT ENABLE
FEATURES SUMMARY
s
OPERATION VOLTAGE: 2.34V to 3.6V
s
8 Kbit x 16 SRAM
s
EQUAL CYCLE and ACCESS TIMES: AS
FAST AS 20ns
s
TRI-STATE COMMON I/O
s
TWO WRITE ENABLE PINS ALLOW WRITING
TO UPPER AND LOWER BYTES
Figure 1. 44-pin, Hatless SOIC Package
Figure 2. Logic Diagram
Table 1. Signal Names
Note: TO Pin should be connected to VCC.
44
1
SO44 (MH)
AI04213
13
A0-A12
WE0
DQ0-DQ15
VCC
M616Z08
OE
VSS
WE1
16
CE
TO
A0-A12
Address Inputs
DQ0-DQ15
Data Input/Output
CE
Chip Enable
OE
Output Enable
WE0
WRITE Enable DQ 0-7
WE1
WRITE Enable DQ 8-15
VCC
Supply Voltage
VSS
Ground
TO
Time-Out Pin


Similar Part No. - M616Z08

ManufacturerPart #DatasheetDescription
logo
MTRONPTI
M61601GFCN MTRONPTI-M61601GFCN Datasheet
809Kb / 7P
5 x 7 mm, 3.0, 3.3 & 5.0 Volt, HCMOS or Clipped Sinewave, Precision TCXO/TCVCXO
M61601GFSN MTRONPTI-M61601GFSN Datasheet
809Kb / 7P
5 x 7 mm, 3.0, 3.3 & 5.0 Volt, HCMOS or Clipped Sinewave, Precision TCXO/TCVCXO
M61601GTCN MTRONPTI-M61601GTCN Datasheet
809Kb / 7P
5 x 7 mm, 3.0, 3.3 & 5.0 Volt, HCMOS or Clipped Sinewave, Precision TCXO/TCVCXO
M61601GTSN MTRONPTI-M61601GTSN Datasheet
809Kb / 7P
5 x 7 mm, 3.0, 3.3 & 5.0 Volt, HCMOS or Clipped Sinewave, Precision TCXO/TCVCXO
M61601HFCN MTRONPTI-M61601HFCN Datasheet
809Kb / 7P
5 x 7 mm, 3.0, 3.3 & 5.0 Volt, HCMOS or Clipped Sinewave, Precision TCXO/TCVCXO
More results

Similar Description - M616Z08

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M48Z02 STMICROELECTRONICS-M48Z02 Datasheet
85Kb / 12P
16 Kbit 2Kb x 8 ZEROPOWER SRAM
May-1999
M48Z32V STMICROELECTRONICS-M48Z32V Datasheet
329Kb / 16P
3.3V, 256 Kbit 32 Kbit x 8 ZEROPOWER SRAM
Mar-2004
M48Z35AV-10PC1 STMICROELECTRONICS-M48Z35AV-10PC1 Datasheet
146Kb / 20P
256 Kbit (32 Kbit x 8) ZEROPOWER SRAM
29-May-2002
M48Z12 STMICROELECTRONICS-M48Z12 Datasheet
231Kb / 16P
5V, 16 Kbit (2Kb x 8) ZEROPOWER SRAM
M48T02 STMICROELECTRONICS-M48T02_03 Datasheet
251Kb / 19P
5.0V, 16 Kbit (2Kb x 8) TIMEKEEPER® SRAM
Mar-2003
M48T02 STMICROELECTRONICS-M48T02_07 Datasheet
200Kb / 24P
5.0V, 16 Kbit (2Kb x 8) TIMEKEEPER SRAM
21-Sep-2007
M48Z35 STMICROELECTRONICS-M48Z35_10 Datasheet
432Kb / 24P
256 Kbit (32 Kbit x 8) ZEROPOWER® SRAM
19-Aug-2010
M48Z58 STMICROELECTRONICS-M48Z58_10 Datasheet
435Kb / 24P
5 V, 64 Kbit (8 Kbit x 8) ZEROPOWER® SRAM
14-Oct-2010
M48Z35 STMICROELECTRONICS-M48Z35_11 Datasheet
414Kb / 24P
256 Kbit (32 Kbit x 8) ZEROPOWER® SRAM
07-Jun-2011
M48Z58 STMICROELECTRONICS-M48Z58_11 Datasheet
417Kb / 24P
5 V, 64 Kbit (8 Kbit x 8) ZEROPOWER® SRAM
07-Jun-2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com