Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M616Z08 Datasheet(PDF) 9 Page - STMicroelectronics

Part # M616Z08
Description  128 Kbit 8 Kbit x 16 SRAM WITH OUTPUT ENABLE
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M616Z08 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button M616Z08 Datasheet HTML 5Page - STMicroelectronics M616Z08 Datasheet HTML 6Page - STMicroelectronics M616Z08 Datasheet HTML 7Page - STMicroelectronics M616Z08 Datasheet HTML 8Page - STMicroelectronics M616Z08 Datasheet HTML 9Page - STMicroelectronics M616Z08 Datasheet HTML 10Page - STMicroelectronics M616Z08 Datasheet HTML 11Page - STMicroelectronics M616Z08 Datasheet HTML 12Page - STMicroelectronics M616Z08 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
9/14
M616Z08
Table 7. WRITE Mode AC Characteristics
Note: 1. Valid for Ambient Operating Temperature: TA = –40 to 125°C (except where noted).
2. CL = 5pF
3. At any given temperature and voltage condition, tWLQZ is less than tWHQX for any given device.
Symbol
Parameter(1)
M616Z08
Unit
–20
2.34 to 3.0V
3.0 to 3.6V
Min
Max
Min
Max
tAVAV
WRITE Cycle Time
36
20
ns
tAVWL
Address Valid to WRITE Enable Low
2
2
ns
tAVWH
Address Valid to WRITE Enable High
34
18
ns
tAVEH
Address Valid to Chip Enable High
34
18
ns
tWLWH
WRITE Enable Pulse Width
25
11
ns
tWHAX
WRITE Enable High to Address Transition
2
2
ns
tWHDX
WRITE Enable High to Input Transition
2
2
ns
tWHQX
(3)
WRITE Enable High to Output Transition
0
0
ns
tWLQZ
(2,3)
WRITE Enable Low to Output Hi-Z
10
10
ns
tAVEL
Address Valid to Chip Enable Low
2
2
ns
tELEH
Chip Enable Low to Chip Enable High
25
11
ns
tEHAX
Chip Enable High to Address Transition
2
2
ns
tEHDX
Chip Enable High to Input Transition
2
2
ns
tDVWH
Input Valid to WRITE Enable High
20
8
ns
tDVEH
Input Valid to Chip Enable High
20
8
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com