Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M616Z08 Datasheet(PDF) 6 Page - STMicroelectronics

Part # M616Z08
Description  128 Kbit 8 Kbit x 16 SRAM WITH OUTPUT ENABLE
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M616Z08 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button M616Z08 Datasheet HTML 2Page - STMicroelectronics M616Z08 Datasheet HTML 3Page - STMicroelectronics M616Z08 Datasheet HTML 4Page - STMicroelectronics M616Z08 Datasheet HTML 5Page - STMicroelectronics M616Z08 Datasheet HTML 6Page - STMicroelectronics M616Z08 Datasheet HTML 7Page - STMicroelectronics M616Z08 Datasheet HTML 8Page - STMicroelectronics M616Z08 Datasheet HTML 9Page - STMicroelectronics M616Z08 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
M616Z08
6/14
Table 5. DC Characteristics
Note: 1. Valid for Ambient Operating Temperature: TA = –40 to 125°C; VCC = 3.0 to 3.6V or 2.34 to 3.0V (except where noted).
2. Input leakage on TO Pin due to internal pull-down to VSS.
3. Average AC current, Outputs open, cycling at tAVAV minimum.
4. All other Inputs at VIL ≤ 0.2V or VIH ≥ VCC –0.2V.
OPERATION
READ Mode
The M616Z08 is in the READ Mode whenever
WRITE Enable (WE0 or WE1) is High with Output
Enable (OE) Low, and Chip Enable (CE) is assert-
ed. This provides access to data from sixteen of
the 131,072 locations in the static memory array,
specified by the 13 address inputs. Valid data will
be available at the sixteen output pins within tAVQV
after the last stable address, providing OE is Low
and CE is Low. If Chip Enable or Output Enable
access times are not met, data access will be
measured from the limiting parameter (tELQV or
tGLQV) rather than the address. Data out may be
indeterminate at tELQX and tGLQX, but data lines
will always be valid at tAVQV.
Figure 5. Address Controlled, READ Mode AC Waveforms
Note: CE =Low, OE = Low, WE(0,1) =High.
Sym
Parameter
Test Condition(1)
Min
Typ
Max
Unit
ILI
Input Leakage Current
0V
≤ VIN ≤ VCC
TO Pin(2)
65
125
µA
All other inputs
±1
µA
ILO
Output Leakage Current
0V
≤ VOUT ≤ VCC
±1
µA
ICC1
(3)
Supply Current
VCC =3.6V
75
mA
ICC3
(4)
Supply Current (Standby)
CMOS
VCC = 3.6V,
CE
≥ VCC – 0.2V, f = 0
1mA
VIL
Input Low Voltage
–0.3
0.3VCC
V
VIH
Input High Voltage
0.7VCC
VCC + 0.3
V
VOL
Output Low Voltage
IOL = 1mA
0.2
V
VOH
Output High Voltage
IOH = –1mA
2.34 to 3.0V
VCC–0.2V
3.0 to 3.6V
VCC–0.3V
V
tAVAV
tAVQV
tAXQX
A0-A12
DQ0-DQ15
VALID
DATA VALID
AI04210



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com