Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7541W Datasheet(PDF) 61 Page - STMicroelectronics

Part # TDA7541W
Description  AM/FM car radio tuner IC with stereo decoder and intelligent selectivity system
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7541W Datasheet(HTML) 61 Page - STMicroelectronics

Back Button TDA7541W Datasheet HTML 57Page - STMicroelectronics TDA7541W Datasheet HTML 58Page - STMicroelectronics TDA7541W Datasheet HTML 59Page - STMicroelectronics TDA7541W Datasheet HTML 60Page - STMicroelectronics TDA7541W Datasheet HTML 61Page - STMicroelectronics TDA7541W Datasheet HTML 62Page - STMicroelectronics TDA7541W Datasheet HTML 63Page - STMicroelectronics TDA7541W Datasheet HTML 64Page - STMicroelectronics TDA7541W Datasheet HTML 65Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 76 page
background image
TDA7541
Software specification
61/76
Table 34.
Addr 18 SD Stereoblend / AM corner frequency (0Dh)
MSB
LSB
Function
d7
d6
d5
d4
d3
d2
d1
d0
SBC<2:0>
0
0
0
Stereoblend control at 29% REF5V
0
0
1
Stereoblend control at 33% REF5V
0
1
0
Stereoblend control at 38% REF5V
0
1
1
Stereoblend control at 42% REF5V
1
0
0
Stereoblend control at 46% REF5V
1
0
1
Stereoblend control at 50% REF5V
1
1
0
Stereoblend control at 54% REF5V
1
1
1
Stereoblend control at 58% REF5V
PTH
0
Pilot threshold high
1
Pilot threshold low
ASI
0
Audio inverter “OFF”
1
Audio inverter “ON”
AMCF<7:5>
0
0
0
AM attenuation @ 3.5kHz = 6.3dB
0
0
1
AM attenuation @ 3.5kHz = 7.9dB
0
1
0
AM attenuation @ 3.5kHz = 9.2dB
--
-
1
1
0
AM attenuation @ 3.5kHz = 13.1dB
1
1
1
AM attenuation @ 3.5kHz = 13.8dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com