Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7541W Datasheet(PDF) 38 Page - STMicroelectronics

Part # TDA7541W
Description  AM/FM car radio tuner IC with stereo decoder and intelligent selectivity system
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7541W Datasheet(HTML) 38 Page - STMicroelectronics

Back Button TDA7541W Datasheet HTML 34Page - STMicroelectronics TDA7541W Datasheet HTML 35Page - STMicroelectronics TDA7541W Datasheet HTML 36Page - STMicroelectronics TDA7541W Datasheet HTML 37Page - STMicroelectronics TDA7541W Datasheet HTML 38Page - STMicroelectronics TDA7541W Datasheet HTML 39Page - STMicroelectronics TDA7541W Datasheet HTML 40Page - STMicroelectronics TDA7541W Datasheet HTML 41Page - STMicroelectronics TDA7541W Datasheet HTML 42Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 76 page
background image
Functional description
TDA7541
38/76
4.4
PLL and IF counter section
4.4.1
PLL frequency synthesizer block
This part contains a frequency synthesizer and a loop filter for radio tuning system. Only one
VCO is required to build a complete PLL system for FM world tuning and AM up conversion.
VCO and dividers
The varactor tuned LC oscillator together with the dividers provides the local oscillator signal
for both AM and FM front-end mixers. The VCO has an operating frequency of
approximately 160MHz to 260MHz. In FM mode the VCO frequency is divided (VCOD) by 1,
2 or 3. These dividers generate in-phase and quadrature-phase output signals using in FM
mixer for image rejection.
In AM mode the divided VCO frequency is additional predivided (AMD) by 4, 6, 8 or 10
dependent on selected AM band.
PLL frequency generation for phase comparison
The VCO divided signals applies a two modulus counter (32/33), which is controlled by a 5-
bit A-divider. The 5-bit register (PC0 to PC4) controls this divider. In parallel the output of the
swallow counter is connected to an 11-bit B-divider. The 11-bit PC register (PC5 to PC15)
controls this divider. Dividing range behind VCO divider:
Important: For correct operation: A
≤ 32; B ≥ A
Crystal oscillator
The crystal oscillator provides 10.25MHz signal for conversion from IF1 to IF2 as well as
switching signals for ISS- and quality detection filter. Furthermore reference dividers
generate from adjustable crystal frequency (XTAL) reference frequencies for the tuning PLL,
IF counter and FM demodulator.
The various reference frequencies fREF of PLL (RC) can be chosen by IIC-bus.
Three state phase comparator
The phase comparator generates a phase error signal according to phase difference
between fSYN and fREF. This phase error signal drives the charge pump current generator.
Charge pump current generator
This system generator signed pulses of current. The phase error signal decides the duration
and polarity of those pulses. The current absolute values are programmable by register ICP.
In lock detector
After reaching a phase difference about lower than 40nsec the inlock detector is
automatically switching the charge-pump in low current mode (LDENA).
ƒ
VCOdiv
32
B
A
32
++
•
[] ƒ
REF
•
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com