Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7541W Datasheet(PDF) 19 Page - STMicroelectronics

Part # TDA7541W
Description  AM/FM car radio tuner IC with stereo decoder and intelligent selectivity system
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7541W Datasheet(HTML) 19 Page - STMicroelectronics

Back Button TDA7541W Datasheet HTML 15Page - STMicroelectronics TDA7541W Datasheet HTML 16Page - STMicroelectronics TDA7541W Datasheet HTML 17Page - STMicroelectronics TDA7541W Datasheet HTML 18Page - STMicroelectronics TDA7541W Datasheet HTML 19Page - STMicroelectronics TDA7541W Datasheet HTML 20Page - STMicroelectronics TDA7541W Datasheet HTML 21Page - STMicroelectronics TDA7541W Datasheet HTML 22Page - STMicroelectronics TDA7541W Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 76 page
background image
TDA7541
Electrical specifications and characteristics
19/76
23.9
V23
IF2 output voltage
V56 = 90dBµ, m=off
140
190
240
mVRMS
24. AMAGC2
24.1
VAGC(start) AGC start voltage (PIN47) Input carrier voltage
62
dBµV
24.2
ΔAGC AGC2 range
Between start of AGC2
and the intervention point
of prestage AGC
50
55
dB
24.3
gAGC
Control slope
Seek mode
50
µA/V
24.4
gAGC
Control slope
normal mode
5
µA/V
24.5
II57I
Max. AGC charge current
Seek mode
125
μA
24.6
II57I
Max. AGC charge current
normal mode
5
μA
24.7
V57
Max. AGC output voltage
V47 = 100dBµ
4.6
4.8
V
24.8
V57
Min. AGC output voltage
V47 = 20dBµ
0.2
0.5
V
25. AM audio output
25.1
V43
Audio output voltage
V56 = 90dBµ, m = 30%,
fmod = 1KHz
170
200
230
mVRMS
25.2
THD
Total harmonic distortion
V56 = 90dBµ, m = 30%,
fmod = 1KHz
0.3
0.5
%
25.3
V56 = 90dBµ, m = 80%,
fmod = 1KHz
0.5
0.9
25.4
ROUT
Output impedance
20
25
30
Ω
26. IF noise blanking
26.1
tbl
Min. blanking time
8
μs
26.2
tbl
Max. blanking time
17
μs
26.3
Vth
Min internal threshold
50
mV
26.4
Vth
Max. internal threshold
187.5
mV
26.5
Vthstep
Threshold step
12.5
mV
1.
Can be reached in application circuit, not measured.
Table 7.
AM section (continued)
(Tamb = 25°C, VCC1 = VCC2 = VCCMIX1 = VCCVCO = VCCIF = 8.5V, fXtal = 10.25 MHz, fRF = 1
MHz, m = 30%, fmod = 1 kHz, in application circuit, unless otherwise specified)
Item
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com