Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7541W Datasheet(PDF) 11 Page - STMicroelectronics

Part # TDA7541W
Description  AM/FM car radio tuner IC with stereo decoder and intelligent selectivity system
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7541W Datasheet(HTML) 11 Page - STMicroelectronics

Back Button TDA7541W Datasheet HTML 7Page - STMicroelectronics TDA7541W Datasheet HTML 8Page - STMicroelectronics TDA7541W Datasheet HTML 9Page - STMicroelectronics TDA7541W Datasheet HTML 10Page - STMicroelectronics TDA7541W Datasheet HTML 11Page - STMicroelectronics TDA7541W Datasheet HTML 12Page - STMicroelectronics TDA7541W Datasheet HTML 13Page - STMicroelectronics TDA7541W Datasheet HTML 14Page - STMicroelectronics TDA7541W Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 76 page
background image
TDA7541
Electrical specifications and characteristics
11/76
1.12
ICCMIX1
Supply Current
AM ON
20
24
mA
1.13
ICCIF
Supply Current
4
5
mA
2. Reference voltages
2.1
VREF1
Internal reference voltage
IREF1 = 0mA
4.855.2
V
2.2
VREF2
Internal reference voltage
IREF2 = 0mA
2.4
2.5
2.6
V
3. I2C bus interface
3.1
fSCL
Clock frequency
400
kHz
3.2
VIL
Input low voltage
1
V
3.3
VIH
Input high voltage
3
V
3.4
IIN
Input current
-5
5
µA
3.5
VO
Output acknowledge voltage
IO = 1.6mA
0.4
V
Table 5.
Globals (continued)
(Tamb = 25°C, VCC1 = VCC2 = VCCMIX1 = VCCVCO = VCCIF = 8.5V, fXtal = 10.25 MHz,
in application circuit, unless otherwise specified)
Item
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
Table 6.
FM section
(Tamb = 25°C, VCC1 = VCC2 = VCCMIX1 = VCCVCO = VCCIF = 8.5V, fXtal = 10.25 MHz,
fRF = 98MHz, dev = 40 kHz, fMod = 1 kHz, in application circuit, unless otherwise specified)
Item
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
4. Wide band RF AGC
4.1
V8-10
Lower threshold start
V13 = 2.5V,RFK “0”
79
dB
μV
4.2
V8-10
Upper threshold start
V13 = 2.5V,RFK”0”
93
dB
μV
4.3
Δ V8-10 Control range RF KAGC
KAGC”000”,RFAGC”00”,
V37 = 3.0….3.7V, RFK”1”
58
11
5. Narrow band IF & keying AGC
5.1
V61
Lower threshold start
KAGC = off, V8-10 = 0mVRMS
82
dBµV
5.2
V61
Upper threshold start
KAGC = off, V8-10 = 0mVRMS
94
dBµV
5.3
V61
Max. IFAGC threshold
with KAGC
KAGC”000”,IFAGC”00”,
V37 = 3.0V
97
dBµV
5.4
V37
Start point KAGC
KAGC”000”,IFAGC”00”,
3.2
3.4
3.6
V
5.5
Δ V61
Control range IF KAGC
KAGC”000”,IFAGC”00”,
V37 = 3.2….3.9V
12
15
18
dB
6. AGC time constant output
6.1
V13
Max. AGC output voltage
V8-10= 0mVRMS
VREF1
+VBE
V
6.2
V13
Min. AGC output voltage
V8-10 = 100mVRMS
0.5
V
6.3
I13
Min. AGC charge current
V8-10= 0mVRMS,V13 = 2.5V
-33
-25
-17.5
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com