Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7541W Datasheet(PDF) 39 Page - STMicroelectronics

Part # TDA7541W
Description  AM/FM car radio tuner IC with stereo decoder and intelligent selectivity system
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7541W Datasheet(HTML) 39 Page - STMicroelectronics

Back Button TDA7541W Datasheet HTML 35Page - STMicroelectronics TDA7541W Datasheet HTML 36Page - STMicroelectronics TDA7541W Datasheet HTML 37Page - STMicroelectronics TDA7541W Datasheet HTML 38Page - STMicroelectronics TDA7541W Datasheet HTML 39Page - STMicroelectronics TDA7541W Datasheet HTML 40Page - STMicroelectronics TDA7541W Datasheet HTML 41Page - STMicroelectronics TDA7541W Datasheet HTML 42Page - STMicroelectronics TDA7541W Datasheet HTML 43Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 76 page
background image
TDA7541
Functional description
39/76
Low noise CMOS op-amp
An internal voltage divider at pin19 connects the positive input of the low noise op-amp. The
charge pump output connects the negative input. This internal amplifier in cooperation with
external components can provide an active filter. The negative input is switchable to two
input pins, to increase the flexibility in application. While the high current mode is activated
LPHC output is switched on.
Antenna DAC
For tuning of FM antenna tank circuit two different modes are available (TVM). One is the
auto-alignment measurement of VCO tuning voltage with offset of 8-bit DAC (TVO). The
other one is an adjustment of 8-bit DAC independent on PLL tracking. For big differences
between VCO tuning voltage and antenna tank control voltage an additional constant offset
voltage can be switched to antenna circuit (TVO+).
4.4.2
IF counter block
The aim of IF counter is it to measure the intermediate frequency of the tuner. The input
signals are the output level of 10.7MHz IF-limiter in FM and output level of 450KHz IF-limiter
in AM.
The grade of integration is adjustable by different measuring cycle times (IFS). The
tolerance of the accepted count value is adjustable too (EW), to reach an optimum
compromise for search speed and precision of the evaluation.
Sampling timer
A sampling timer generates the gate signal for the main counter. The basically sampling
time are in FM 6.25 kHz (tTIM=160 s) and in AM 1 kHz (tTIM=1ms). This is followed by an
asynchronous divider to generate several sampling times.
Intermediate frequency main counter
This counter is an 11 - 21-bit synchronous auto reload down counter. The counter length is
automatic adjusted to the chosen sampling time and the counter mode (FM or AM).
At the start the counter will be loaded with a defined value which is an equivalent to the
divider value (tSample x fIF).
If a correct frequency is applied to the IF counter frequency input at the end of the sampling
time the main counter is changing its state. This is detected by control logic and an external
search stop output is changing from LOW to HIGH.
The IF counter is started only by the in lock information from the PLL part.
4.5
I2C bus interface
The TDA7541 supports the I2C bus protocol. This protocol defines any device that sends
data onto the bus as a transmitter, and the receiving device as the receiver. The device that
controls the transfer is a master and device being controlled is the slave. The master will
always initiate data transfer and provide the clock to transmit or receive operations.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com