Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7541W Datasheet(PDF) 12 Page - STMicroelectronics

Part # TDA7541W
Description  AM/FM car radio tuner IC with stereo decoder and intelligent selectivity system
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7541W Datasheet(HTML) 12 Page - STMicroelectronics

Back Button TDA7541W Datasheet HTML 8Page - STMicroelectronics TDA7541W Datasheet HTML 9Page - STMicroelectronics TDA7541W Datasheet HTML 10Page - STMicroelectronics TDA7541W Datasheet HTML 11Page - STMicroelectronics TDA7541W Datasheet HTML 12Page - STMicroelectronics TDA7541W Datasheet HTML 13Page - STMicroelectronics TDA7541W Datasheet HTML 14Page - STMicroelectronics TDA7541W Datasheet HTML 15Page - STMicroelectronics TDA7541W Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 76 page
background image
Electrical specifications and characteristics
TDA7541
12/76
6.4
I13
Max. AGC discharge
current
V8-10 = 100mVRMS,V13 = 2.5V
1.7
2.5
3.3
mA
7. AGC PIN diode driver output
7.1
I12
AGC OUT, current min.
V8-10 = 0mVRMS, V12 = 2.5V
15
25
35
µA
7.2
I12
AGC OUT, current max.
V8-10 = 50 mVRMS, V12 = 2.5V
-16
mA
8. FM I/Q Mixer1 (10.7MHz)
8.1
RIN
Input resistance
Differential
8
10
12
kΩ
8.2
CIN
Input capacitance
Differential
4
pF
8.3
ROUT
Output resistance
530
660
790
Ω
8.4
V8,11
Input DC bias
2.2
2.5
2.8
V
8.5
G
Gain
Unloaded
20
22
24
dB
8.6
Gl
Gain
With 330Ω load
14
16
18
dB
8.7
INOISE
Equivalent input noise
3
nV/
√Hz
8.8
CP1dB
1dB compression point
Referred to diff. mixer input
100
dBµV
8.9
IIP3
3rd order intermodulation
119
dBµV
8.10
IQP
I/Q phase adjust
PH
-7
+8
DEG
8.11
IRR
Image rejection ratio
Ratio wanted/image
30
40
dB
8.12
IRR
Image rejection ratio
With phase adjust
40
46
dB
9. WB I/Q Mixer1 (10.7MHz)
9.1
RIN
Input resistance
Single ended
7
10
13
kΩ
9.2
ROUT
Output resistance
530
660
790
Ω
9.3
V5
Input dc bias
2
2.3
2.6
V
9.4
G
Gain
unloaded
24
26
28
dB
9.5
INOISE
Equivalent Input noise
Source impedance 400Ω
2.3
nV/
√Hz
9.6
IIP3
3rd order intermodulation
113
dBµV
10. IF1 amplifier (10.7MHz)
10.1
RIN
Input resistance
265
330
396
Ω
10.2
CIN
Input capacitance
2.5
pF
10.3
V61
DC input voltage
VCCIF1/3
V
10.4
ROUT
Output resistance
265
330
396
Ω
10.5
COUT
Output capacitance
2.5
pF
10.6
V59
DC output voltage
VCCIF1/2
V
10.7
Gmin
Min. gain
IFG
9
dB
Table 6.
FM section (continued)
(Tamb = 25°C, VCC1 = VCC2 = VCCMIX1 = VCCVCO = VCCIF = 8.5V, fXtal = 10.25 MHz,
fRF = 98MHz, dev = 40 kHz, fMod = 1 kHz, in application circuit, unless otherwise specified)
Item
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com