Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7541W Datasheet(PDF) 31 Page - STMicroelectronics

Part # TDA7541W
Description  AM/FM car radio tuner IC with stereo decoder and intelligent selectivity system
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7541W Datasheet(HTML) 31 Page - STMicroelectronics

Back Button TDA7541W Datasheet HTML 27Page - STMicroelectronics TDA7541W Datasheet HTML 28Page - STMicroelectronics TDA7541W Datasheet HTML 29Page - STMicroelectronics TDA7541W Datasheet HTML 30Page - STMicroelectronics TDA7541W Datasheet HTML 31Page - STMicroelectronics TDA7541W Datasheet HTML 32Page - STMicroelectronics TDA7541W Datasheet HTML 33Page - STMicroelectronics TDA7541W Datasheet HTML 34Page - STMicroelectronics TDA7541W Datasheet HTML 35Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 76 page
background image
TDA7541
Functional description
31/76
4.1.5
Weak signal mute
The filtered field strength signal (FSWO) is the reference for soft slope mute control in weak
signal condition to eliminate audible effects. The start point and mute depth are
programmable (WMTH, WMD) in a wide range. These settings together with FSWO bits are
influencing the weak signal mute behaviour. The time constant is defined by external
capacitance at PIN 42. Additional adjacent channel mute function is supported. A high pass
filter with -3dB threshold frequency of 100 kHz, amplifier and peak rectifier generates an
adjacent noise signal from Demodulator output. This value is compared with adjustable
threshold (ACMTH). For present strong adjacent channel the MPX signal is additional
attenuated (ACMD) and has the same time constant as weak signal mute.
4.1.6
Weather band input
If the weather band input is used the chip must be set in FM mode (FMON). In addition to
that the ISS filter must be switched ON (ISSENA), mixer2 quality must set to IF2Q=”00” and
the ISS filter must be set in manual control mode. The bit WBON is activating the WB input
and is switching the ISS filter in WB mode (24 kHz band width).
4.2
AM section
The up/down conversion in AM signal path is combined with gain control circuit sensing
three input signals, narrow band information (DAGC) referred to PIN 56, up conversion
signal (IFAGC) at PIN 61 and wide band information (RFAGC) at PIN 3.This gain control
gives two output signals. The first one is a current for pin diode attenuator and the second
one is a voltage for preamplifier. Time constant of RF- and IF-AGC is defined by internal
100k resistor and external capacitor at PIN 54. The intervention points for AGC (DAGC,
IFAGC and RFAGC) are programmable by software. The oscillator frequency for
upconversion mixer1 is generated by dividing the VCO frequency after VCO divider (VCOD)
and AM predivider (AMD).
Two 10,7MHz ceramic filters before mixer2 input increase 900KHz attenuation.
Table 12.
ISS control modes
Input signals
Mode1
Mode2
ac
ac+
sm
dev
dev+
inton
int80
Function
inton
int80
Function
0
0
0
0
0
0
0
wide
0
0
wide
0
0
0
1
0
0
0
wide
0
0
wide
0
0
0
1
1
0
0
wide
0
0
wide
0
0
1
0
0
1
1
narrow
1
1
narrow
0
0
1
1
0
0
0
wide
1
0
mid
0
0
1
1
1
0
0
wide
0
0
wide
10
00
0
1
1
narrow
1
0
Mid
1
1
0
0
0
1
1
narrow
1
1
Narrow
10
01
0
1
0
mid
10
Mid
11
01
1
1
0
mid
11
Narrow



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com