Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7541W Datasheet(PDF) 30 Page - STMicroelectronics

Part # TDA7541W
Description  AM/FM car radio tuner IC with stereo decoder and intelligent selectivity system
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7541W Datasheet(HTML) 30 Page - STMicroelectronics

Back Button TDA7541W Datasheet HTML 26Page - STMicroelectronics TDA7541W Datasheet HTML 27Page - STMicroelectronics TDA7541W Datasheet HTML 28Page - STMicroelectronics TDA7541W Datasheet HTML 29Page - STMicroelectronics TDA7541W Datasheet HTML 30Page - STMicroelectronics TDA7541W Datasheet HTML 31Page - STMicroelectronics TDA7541W Datasheet HTML 32Page - STMicroelectronics TDA7541W Datasheet HTML 33Page - STMicroelectronics TDA7541W Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 76 page
background image
Functional description
TDA7541
30/76
“0”: 120 kHz
The bit has only influence if bit BWENA is “1”, or if bit ISSON is “1”
WBON
Weather band enable
“1”: Weather band enable (FMmixer1 is disabled, Wbmixer1enabled, stereo decoder gain
26dB, ISS filter bandwidth 24 kHz,IF2Q=”00”)
“0”: Weather band disable
For weather band enable it is need to set ISSON = “1”
ISSM
ISS filter application mode
“0”: ISS filter application mode1
“1”: ISS filter application mode2
If BWENA is “1” the band width is always switched to ISSBW in case of ISS filter activated
BWDEF
Enable bit ISSBW for ISS filter band with control
“1”: ISS filter is internally controlled, but band width is defined by bit ISSBW
“0”: ISS filter is internally controlled, band width is defined by mode1/2 table
For the internal control two application modes are available (ISSM). The conditions and
settings are described in Table 10 and Table 11.
4.1.4
Block diagram quality detection principle
(without overdeviation correction)
Table 11.
Internal ISS control signals
Signal
Low
High
Ac
No adjacent channel
Adjacent channel present
ac+
No strong adjacent channel
Adjacent channel higher as ac
Sm
Field strength higher as weak signal mute
threshold
Field strength lower as weak signal mute
threshold
Dev
Deviation lower as threshold DWTH
Deviation higher as threshold DWTH
dev+
Deviation lower as threshold DTH*DWTH
Deviation higher as threshold DTH*DWTH
Inton
ISS filter off by logic (wide)
ISS filter on by logic
int80
ISS filter 120kHz (mid)
ISS filter 80kHz (narrow)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com