Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7541W Datasheet(PDF) 23 Page - STMicroelectronics

Part # TDA7541W
Description  AM/FM car radio tuner IC with stereo decoder and intelligent selectivity system
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7541W Datasheet(HTML) 23 Page - STMicroelectronics

Back Button TDA7541W Datasheet HTML 19Page - STMicroelectronics TDA7541W Datasheet HTML 20Page - STMicroelectronics TDA7541W Datasheet HTML 21Page - STMicroelectronics TDA7541W Datasheet HTML 22Page - STMicroelectronics TDA7541W Datasheet HTML 23Page - STMicroelectronics TDA7541W Datasheet HTML 24Page - STMicroelectronics TDA7541W Datasheet HTML 25Page - STMicroelectronics TDA7541W Datasheet HTML 26Page - STMicroelectronics TDA7541W Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 76 page
background image
TDA7541
Electrical specifications and characteristics
23/76
37.21
VADJMP
Noise rectifier adjustment
by strong multipath
influence
Signal PEAK in testmode,
VMPTC=1V, NBSMP=1,
NBMP=0, NBRR=01
4
37.22
VADJMP
Noise rectifier adjustment
by multipath and strong
multipath influence
Signal PEAK in testmode,
VMPTC=1V, MBSMP=1,
NBMP=1, NBRR=01
5.2
V/ms
38. Multipath detector
38.1
GMP
Min. multipath gain
MPG = 00
5
6
7
dB
38.2
GMP
Max. multipath gain
MPG = 11
11
12
13
dB
38.3
GRECTMP Min. rectifier gain
MPRG = 01
-1
0
1
dB
38.4
GRECTMP Max. rectifier gain
MPRG = 11
5
7.6
9
dB
38.5
ICHMP
Rectifier charge current
MPCC = 0
0.5
0.8
1.1
μA
38.6
ICHMP
Rectifier charge current
MPCC = 1
0.2
0.4
0.7
μA
38.7
IDISMP
Rectifier discharge current
0.5
1
mA
39. Quality detector
39.1
a
Min. quality detector
coefficient
QDC
0.5
0.6
0.7
39.2
a
Max. quality detector
coefficient
QDC
0.9
1.05
1.2
39.3
b
Min. quality noise gain
QNG
5
6
7
dB
39.4
b
Max. quality noise gain
QNG
13
15
17
dB
1.
Intermodulation suppression
measured with: 91% stereo signal; 9% pilot signal; fm = 10kHz or 13kHz.
2.
Traffic radio (V.F.) suppression
measured with: 91% stereo signal; 9% pilot signal; fm=1kHz; 5% sub carrier (f=57kHz, fm=23Hz AM, m=60%)
Table 8.
Stereo decoder section (continued)
(Tamb=25°C, VCC1=VCC2=VCCMIX1=VCCVCO=VCCIF=8.5V, fXtal = 10.25 MHz,
VMPX=500mVrms mono, f=1kHz, deemphasis τ=50µs, in application circuit, unless otherwise
specified)
Item
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
a2
V
o signa l @ 1 k Hz
,
()
V
o spuriou s @1 kHz
,
()
------------------------------------------------------------- ƒs
2
10kHz
×
() 19kHz
–
()
=
;
=
a3
V
o signa l @ 1 k Hz
,
()
V
o spuriou s @1 kHz
,
()
------------------------------------------------------------- ƒs
3
13kHz
×
() 38kHz
–
()
=
;
=
a57 V W F
,
,
()
V
o sign al @ 1 kHz
,
()
V
o sp urio us @1 kHz
,
() 23kHz
±
--------------------------------------------------------------------------------------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com