Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP4725 Datasheet(PDF) 24 Page - Microchip Technology

Part # MCP4725
Description  12-Bit Digital-to-Analog Converter with EEPROM Memory in SOT-23-6
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP4725 Datasheet(HTML) 24 Page - Microchip Technology

Back Button MCP4725 Datasheet HTML 20Page - Microchip Technology MCP4725 Datasheet HTML 21Page - Microchip Technology MCP4725 Datasheet HTML 22Page - Microchip Technology MCP4725 Datasheet HTML 23Page - Microchip Technology MCP4725 Datasheet HTML 24Page - Microchip Technology MCP4725 Datasheet HTML 25Page - Microchip Technology MCP4725 Datasheet HTML 26Page - Microchip Technology MCP4725 Datasheet HTML 27Page - Microchip Technology MCP4725 Datasheet HTML 28Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 42 page
background image
MCP4725
DS22039C-page 24
© 2007 Microchip Technology Inc.
TABLE 7-1:
I2C SERIAL TIMING SPECIFICATIONS
Electrical Specifications: Unless otherwise specified, all limits are specified for T
A = -40 to +85°C, VDD = +2.7V to +5.0V, VSS = 0V.
Parameters
Sym
Min
Typ
Max
Units
Conditions
Standard Mode
Clock frequency
fSCL
0
—
100
kHz
Clock high time
THIGH
4000
—
—
ns
Clock low time
TLOW
4700
—
—
ns
SDA and SCL rise time
(Note 1)
TR
—
—
1000
ns
From VIL to VIH
SDA and SCL fall time
(Note 1)
TF
—
—
300
ns
From VIH to VIL
START condition hold time
THD:STA
4000
—
—
ns
After this period, the first clock
pulse is generated.
Repeated START condition
setup time
TSU:STA
4700
—
—
ns
Only relevant for repeated Start
condition
Data hold time
(Note 3)
THD:DAT
0
—
3450
ns
Data input setup time
TSU:DAT
250
—
—
ns
STOP condition setup time
TSU:STO
4000
—
—
ns
STOP condition hold time
THD:STD
4000
—
—
ns
Output valid from clock
(Notes 2 and 3)
TAA
0
—
3750
ns
Bus free time
TBUF
4700
—
—
ns
Time between START and STOP
conditions.
Fast Mode
Clock frequency
TSCL
0
—
400
kHz
Clock high time
THIGH
600
—
—
ns
Clock low time
TLOW
1300
—
—
ns
SDA and SCL rise time
(Note 1)
TR
20 + 0.1Cb
—
300
ns
From VIL to VIH
SDA and SCL fall time
(Note 1)
TF
20 + 0.1Cb
—
300
ns
From VIH to VIL
START condition hold time
THD:STA
600
—
—
ns
After this period, the first clock
pulse is generated
Repeated START condition
setup time
TSU:STA
600
—
—
ns
Only relevant for repeated Start
condition
Data hold time
(Note 4)
THD:DAT
0
—
900
ns
Data input setup time
TSU:DAT
100
—
—
ns
STOP condition setup time
TSU:STO
600
—
—
ns
STOP condition hold time
THD:STD
600
—
—
ns
Output valid from clock
(Notes 2 and 3)
TAA
0
—
1200
ns
Bus free time
TBUF
1300
—
—
ns
Time between START and STOP
conditions.
Note 1:
This parameter is ensured by characterization and not 100% tested.
2:
This specification is not a part of the I2C specification. This specification is equivalent to the Data Hold Time (THD:DAT)
plus SDA Fall (or rise) time: TAA = THD:DAT + TF (OR TR).
3:
If this parameter is too short, it can create an unintended Start or Stop condition to other devices on the bus line. If this
parameter is too long, Clock Low time (TLOW) can be affected.
4:
For Data Input: This parameter must be longer than tSP. If this parameter is too long, the Data Input Setup (TSU:DAT) or
Clock Low time (TLOW) can be affected.
For Data Output: This parameter is characterized, and tested indirectly by testing TAA parameter.
5:
All timing parameters in high-speed modes are tested at VDD = 5V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com