Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP4725 Datasheet(PDF) 28 Page - Microchip Technology

Part # MCP4725
Description  12-Bit Digital-to-Analog Converter with EEPROM Memory in SOT-23-6
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP4725 Datasheet(HTML) 28 Page - Microchip Technology

Back Button MCP4725 Datasheet HTML 24Page - Microchip Technology MCP4725 Datasheet HTML 25Page - Microchip Technology MCP4725 Datasheet HTML 26Page - Microchip Technology MCP4725 Datasheet HTML 27Page - Microchip Technology MCP4725 Datasheet HTML 28Page - Microchip Technology MCP4725 Datasheet HTML 29Page - Microchip Technology MCP4725 Datasheet HTML 30Page - Microchip Technology MCP4725 Datasheet HTML 31Page - Microchip Technology MCP4725 Datasheet HTML 32Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 42 page
background image
MCP4725
DS22039C-page 28
© 2007 Microchip Technology Inc.
8.2
Using Non-Volatile EEPROM
Memory
The user can store the DAC input code (12 bits) and
power-down configuration bits (2 bits) in the internal
non-volatile EEPROM memory using the I2C write
command. The user can also read the EEPROM data
using the I2C read command. When the device is first
powered after power is shut down, the device uploads
the EEPROM contents to the DAC register automati-
cally and provides the DAC output immediately. This
feature is very useful in applications where the DAC
device is used to provide set point or calibration data for
other devices in the application system. The DAC will
not lose the important system operational parameters
due to the system power failure incidents. See
Section 5.6 “Non-Volatile EEPROM Memory” for
more details of the non-volatile EEPROM memory.
8.3
Power Supply Considerations
The power supply to the device is used for both VDD
and DAC reference voltage. Any noise induced on the
VDD line can affect on the DAC performance. Typical
application will require a bypass capacitor in order to
filter out high frequency noise on the VDD line. The
noise can be induced onto the power supply’s traces or
as a result of changes on the DAC output. The bypass
capacitor helps to minimize the effect of these noise
sources on signal integrity. Figure 8-1 shows an
example of using two bypass capacitors (a 10 µF
tantalum capacitor and a 0.1 µF ceramic capacitor) in
parallel on the VDD line. These capacitors should be
placed as close to the VDD pin as possible (within
4mm).
The power source should be as clean as possible. If the
application circuit has separate digital and analog
power supplies, the VDD and VSS pins of the MCP4725
should reside on the analog plane.
8.4
Layout Considerations
Inductively-coupled AC transients and digital switching
noise
from
other
devices
can
affect
on
DAC
performance and DAC output signal integrity. Careful
board layout will minimize these effects. Bench testing
has shown that a multi-layer board utilizing a low-induc-
tance ground plane, isolated inputs, isolated outputs
and proper decoupling are critical to achieving the
performance that the MCP4725 is capable of providing.
Particularly harsh environments may require shielding
of critical signals. Separate digital and analog ground
planes are recommended. In this case, the VSS pin and
the ground pins of the VDD capacitors of the MCP4725
should be terminated to the analog ground plane.
8.5
Application Examples
The MCP4725 is a rail-to-rail output DAC designed to
operate with a VDD range of 2.7V to 5.5V. Its output
amplifier is robust enough to drive common, small-sig-
nal loads directly, thus eliminating the cost and size of
an external buffer for most applications.
8.5.1
DC SET POINT OR CALIBRATION
A common application for the MCP4725 is a
digitally-controlled set point or a calibration of variable
parameters such as sensor offset or bias point.
Example 8-1 shows an example of the set point setting.
Since the MCP4725 is a 12-bit DAC and uses the VDD
supply as a reference source, it provides a VDD/4096 of
resolution per step.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com