Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP4725 Datasheet(PDF) 3 Page - Microchip Technology

Part # MCP4725
Description  12-Bit Digital-to-Analog Converter with EEPROM Memory in SOT-23-6
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP4725 Datasheet(HTML) 3 Page - Microchip Technology

  MCP4725 Datasheet HTML 1Page - Microchip Technology MCP4725 Datasheet HTML 2Page - Microchip Technology MCP4725 Datasheet HTML 3Page - Microchip Technology MCP4725 Datasheet HTML 4Page - Microchip Technology MCP4725 Datasheet HTML 5Page - Microchip Technology MCP4725 Datasheet HTML 6Page - Microchip Technology MCP4725 Datasheet HTML 7Page - Microchip Technology MCP4725 Datasheet HTML 8Page - Microchip Technology MCP4725 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 42 page
background image
© 2007 Microchip Technology Inc.
DS22039C-page 3
MCP4725
Power Up Time
TPU
—2.5
—
µs
VDD = 5V
—5
—
µs
VDD = 3V
Coming out of Power-down
mode, started from falling
edge of ACK pulse in I2C
command.
DC Output Impedance
ROUT
—1
—
Ω
Normal mode (VOUT to VSS)
—1
—
k
Ω
Power-Down Mode 1
(VOUT to VSS)
—100
—
k
Ω
Power-Down Mode 2
(VOUT to VSS)
—500
—
k
Ω
Power-Down Mode 3
(VOUT to VSS)
Dynamic Performance
Major Code Transition
Glitch
—
45
—
nV-s
1 LSB change around major
carry (800h to 7FFh)
(
Note 2)
Digital Feedthrough
—
<10
—
nV-s
Note 2
Digital Interface
Output Low Voltage
VOL
—
—
0.4
V
IOL = 3 mA
Input High Voltage
(SDA and SCL Pins)
VIH
0.7VDD
——
V
Input Low Voltage
(SDA and SCL Pins)
VIL
—
—0.3VDD
V
Input High Voltage
(A0 Pin)
VA0-Hi
0.8VDD
——
Note 4
Input Low Voltage
(A0 Pin)
VA0-IL
—
—
0.2VDD
Note 4
Input Leakage
ILI
—
—
±1
µA
SCL = SDA = A0 = VSS or
SCL = SDA = A0 = VDD
Pin Capacitance
CPIN
——
3
pF
Note 2
EEPROM
EEPROM Write Time
TWRITE
—
25
50
ms
EEPROM Write time for 14
bits
Data Retention
—
200
—
Years
At +25°C,
(Note 2)
Endurance
1
—
—
Million
Cycles
At +25°C,
(Note 2)
ELECTRICAL CHARACTERISTICS (CONTINUED)
Electrical Specifications: Unless otherwise indicated, all parameters apply at V
DD = + 2.7V to 5.5V, VSS = 0V,
RL = 5 kΩ from VOUT to VSS, CL = 100 pF, TA = -40°C to +125°C. Typical values are at +25°C.
Parameter
Sym
Min
Typ
Max
Units
Conditions
Note 1: Test Code Range: 100 to 4000.
2: This parameter is ensure by design and not 100% tested.
3: Within 1/2 LSB of the final value when code changes from 1/4 to 3/4 (400h to C00h) of full-scale.
4: Logic state of external address pin (A0 pin).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com