Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP4725 Datasheet(PDF) 10 Page - Microchip Technology

Part # MCP4725
Description  12-Bit Digital-to-Analog Converter with EEPROM Memory in SOT-23-6
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP4725 Datasheet(HTML) 10 Page - Microchip Technology

Back Button MCP4725 Datasheet HTML 6Page - Microchip Technology MCP4725 Datasheet HTML 7Page - Microchip Technology MCP4725 Datasheet HTML 8Page - Microchip Technology MCP4725 Datasheet HTML 9Page - Microchip Technology MCP4725 Datasheet HTML 10Page - Microchip Technology MCP4725 Datasheet HTML 11Page - Microchip Technology MCP4725 Datasheet HTML 12Page - Microchip Technology MCP4725 Datasheet HTML 13Page - Microchip Technology MCP4725 Datasheet HTML 14Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 42 page
background image
MCP4725
DS22039C-page 10
© 2007 Microchip Technology Inc.
3.0
PIN DESCRIPTIONS
The descriptions of the pins are listed in Table 3-1.
3.1
Analog Output Voltage (V
OUT)
VOUT is an analog output voltage from the DAC device.
DAC output amplifier drives this pin with a range of VSS
to VDD.
3.2
Supply Voltage (V
DD, VSS)
VDD is the power supply pin for the device. The voltage
at the VDD pin is used as the supply input as well as the
DAC reference input. The power supply at the VDD pin
should be clean as possible for a good DAC
performance.
This pin requires an appropriate bypass capacitor of
about 0.1 µF (ceramic) to ground. An additional 10 µF
capacitor (tantalum) in parallel is also recommended to
further attenuate high frequency noise present in
application boards. The supply voltage (VDD) must be
maintained in the 2.7V to 5.5V range for specified
operation.
VSS is the ground pin and the current return path of the
device. The user must connect the VSS pin to a ground
plane through a low impedance connection. If an
analog ground path is available in the application PCB
(printed circuit board), it is highly recommended that
the VSS pin be tied to the analog ground path or isolated
within an analog ground plane of the circuit board.
3.3
Serial Data Pin (SDA)
SDA is the serial data pin of the I2C interface. The SDA
pin is used to write or read the DAC register and
EEPROM data. The SDA pin is an open-drain N-chan
nel driver. Therefore, it needs a pull-up resistor from the
VDD line to the SDA pin. Except for start and stop
conditions, the data on the SDA pin must be stable
during the high period of the clock. The high or low
state of the SDA pin can only change when the clock
signal on the SCL pin is low. Refer to
Section 7.0 “I2C
Serial Interface Communication” for more details of
I2C Serial Interface communication.
3.4
Serial Clock Pin (SCL)
SCL is the serial clock pin of the I2C interface. The
MCP4725 acts only as a slave and the SCL pin accepts
only external serial clocks. The input data from the
Master device is shifted into the SDA pin on the rising
edges of the SCL clock and output from the MCP4725
occurs at the falling edges of the SCL clock. The SCL
pin is an open-drain N-channel driver. Therefore, it
needs a pull-up resistor from the VDD line to the SCL
pin. Refer to
Section 7.0 “I2C Serial Interface Com-
munication” for more details of I2C Serial Interface
communication.
3.5
Device Address Selection Pin (A0)
This pin is used to select the A0 address bit by the user.
The user can tie this pin to VSS (logic ‘0’), or VDD (logic
‘1’), or can be actively driven by the digital logic levels,
such as the I2C Master Output. See
Section 7.2
“Device Addressing” for more details of the address
bits.
TABLE 3-1:
PIN FUNCTION TABLE
Pin No.
SOT-23
Name
Function
1VOUT
Analog Output Voltage
2VSS
Ground Reference
3VDD
Supply Voltage
4SDA
I2C Serial Data
5SCL
I2C Serial Clock Input
6
A0
Device Address Selection pin. This pin can be tied to VSS or VDD, or can be actively
driven by the digital logic levels. The logic state of this pin determines what the A0
bit of the I2C address bits should be.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com