Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP4725 Datasheet(PDF) 25 Page - Microchip Technology

Part # MCP4725
Description  12-Bit Digital-to-Analog Converter with EEPROM Memory in SOT-23-6
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP4725 Datasheet(HTML) 25 Page - Microchip Technology

Back Button MCP4725 Datasheet HTML 21Page - Microchip Technology MCP4725 Datasheet HTML 22Page - Microchip Technology MCP4725 Datasheet HTML 23Page - Microchip Technology MCP4725 Datasheet HTML 24Page - Microchip Technology MCP4725 Datasheet HTML 25Page - Microchip Technology MCP4725 Datasheet HTML 26Page - Microchip Technology MCP4725 Datasheet HTML 27Page - Microchip Technology MCP4725 Datasheet HTML 28Page - Microchip Technology MCP4725 Datasheet HTML 29Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 42 page
background image
© 2007 Microchip Technology Inc.
DS22039C-page 25
MCP4725
High Speed Mode (Note 5)
Clock frequency
fSCL
0—
3.4
1.7
MHz
MHz
Cb = 100 pF
Cb = 400 pF
Clock high time
THIGH
60
120
——
ns
ns
Cb = 100 pF
Cb = 400 pF
Clock low time
TLOW
160
320
——
ns
Cb = 100 pF
Cb = 400 pF
SCL rise time
(Note 1)
TR
——
40
80
ns
From VIL to VIH,Cb = 100 pF
Cb = 400 pF
SCL fall time
(Note 1)
TF
——
40
80
ns
From VIH to VIL,Cb = 100 pF
Cb = 400 pF
SDA rise time
(Note 1)
TR: DAT
——
80
160
ns
From VIL to VIH,Cb = 100 pF
Cb = 400 pF
SDA fall time
(Note 1)
TF: DATA
——
80
160
ns
From VIH to VIL,Cb = 100 pF
Cb = 400 pF
START condition hold time
THD:STA
160
—
—
ns
After this period, the first clock
pulse is generated
Repeated START condition
setup time
TSU:STA
160
—
—
ns
Only relevant for repeated Start
condition
Data hold time
(Note 4)
THD:DAT
0
0
—70
150
ns
Cb = 100 pF
Cb = 400 pF
Data input setup time
TSU:DAT
10
—
—
ns
STOP condition setup time
TSU:STO
160
—
—
ns
STOP condition hold time
THD:STD
160
—
—
ns
Output valid from clock
(Notes 2 and 3)
TAA
—
—
150
310
ns
Cb = 100 pF
Cb = 400 pF
Bus free time
TBUF
160
—
—
ns
Time between START and STOP
conditions.
TABLE 7-1:
I2C SERIAL TIMING SPECIFICATIONS (CONTINUED)
Electrical Specifications: Unless otherwise specified, all limits are specified for T
A = -40 to +85°C, VDD = +2.7V to +5.0V, VSS = 0V.
Parameters
Sym
Min
Typ
Max
Units
Conditions
Note 1:
This parameter is ensured by characterization and not 100% tested.
2:
This specification is not a part of the I2C specification. This specification is equivalent to the Data Hold Time (THD:DAT)
plus SDA Fall (or rise) time: TAA = THD:DAT + TF (OR TR).
3:
If this parameter is too short, it can create an unintended Start or Stop condition to other devices on the bus line. If this
parameter is too long, Clock Low time (TLOW) can be affected.
4:
For Data Input: This parameter must be longer than tSP. If this parameter is too long, the Data Input Setup (TSU:DAT) or
Clock Low time (TLOW) can be affected.
For Data Output: This parameter is characterized, and tested indirectly by testing TAA parameter.
5:
All timing parameters in high-speed modes are tested at VDD = 5V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com