Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP4725 Datasheet(PDF) 11 Page - Microchip Technology

Part # MCP4725
Description  12-Bit Digital-to-Analog Converter with EEPROM Memory in SOT-23-6
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP4725 Datasheet(HTML) 11 Page - Microchip Technology

Back Button MCP4725 Datasheet HTML 7Page - Microchip Technology MCP4725 Datasheet HTML 8Page - Microchip Technology MCP4725 Datasheet HTML 9Page - Microchip Technology MCP4725 Datasheet HTML 10Page - Microchip Technology MCP4725 Datasheet HTML 11Page - Microchip Technology MCP4725 Datasheet HTML 12Page - Microchip Technology MCP4725 Datasheet HTML 13Page - Microchip Technology MCP4725 Datasheet HTML 14Page - Microchip Technology MCP4725 Datasheet HTML 15Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 42 page
background image
© 2007 Microchip Technology Inc.
DS22039C-page 11
MCP4725
4.0
TERMINOLOGY
4.1
Resolution
The resolution is the number of DAC output states that
divide the full-scale range. For the 12-bit DAC, the
resolution is 212 or the DAC code ranges from 0 to
4095.
4.2
LSB
The least significant bit or the ideal voltage difference
between two successive codes.
EQUATION 4-1:
4.3
Integral Nonlinearity (INL) or
Relative Accuracy
INL error is the maximum deviation between an actual
code transition point and its corresponding ideal
transition point (straight line). Figure 2-5 shows the INL
curve of the MCP4725. The end-point method is used
for the calculation. The INL error at a given input DAC
code is calculated as:
EQUATION 4-2:
FIGURE 4-1:
INL Accuracy.
4.4
Differential Nonlinearity (DNL)
Differential
nonlinearity
error
(Figure 4-2)
is
the
measure of step size between codes in actual transfer
function. The ideal step size between codes is 1 LSB.
A DNL error of zero would imply that every code is
exactly 1 LSB wide. If the DNL error is less than 1 LSB,
the DAC guarantees monotonic output and no missing
codes. The DNL error between any two adjacent codes
is calculated as follows:
EQUATION 4-3:
LSB
Ideal
V
REF
2
n
-------------
V
Full
Scale
–
V
Zero
Scale
–
–
()
2
n
1
–
---------------------------------------------------------------------
=
=
Where:
VREF
=
The reference voltage = VDD in the
MCP4725. This VREF is the ideal
full-scale voltage range
n
=
The number of digital input bits.
(n = 12 for MCP4725)
INL
V
OUT
V
Ideal
–
()
LSB
---------------------------------------
=
Where:
VIdeal
=
Code*LSB
VOUT
=
The output voltage measured at
the given input code
010
001
000
Analog
Output
(LSB)
DAC Input Code
011
111
100
101
1
2
3
4
5
6
0
7
110
Ideal Transfer Function
Actual Transfer Function
INL = < -1 LSB
INL = 0.5 LSB
INL = - 1 LSB
DNL
ΔV
OUT
LSB
–
LSB
----------------------------------
=
Where:
ΔV
OUT
=
The measured DAC output
voltage difference between two
adjacent input codes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com