Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP4725 Datasheet(PDF) 16 Page - Microchip Technology

Part # MCP4725
Description  12-Bit Digital-to-Analog Converter with EEPROM Memory in SOT-23-6
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP4725 Datasheet(HTML) 16 Page - Microchip Technology

Back Button MCP4725 Datasheet HTML 12Page - Microchip Technology MCP4725 Datasheet HTML 13Page - Microchip Technology MCP4725 Datasheet HTML 14Page - Microchip Technology MCP4725 Datasheet HTML 15Page - Microchip Technology MCP4725 Datasheet HTML 16Page - Microchip Technology MCP4725 Datasheet HTML 17Page - Microchip Technology MCP4725 Datasheet HTML 18Page - Microchip Technology MCP4725 Datasheet HTML 19Page - Microchip Technology MCP4725 Datasheet HTML 20Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 42 page
background image
MCP4725
DS22039C-page 16
© 2007 Microchip Technology Inc.
5.6
Non-Volatile EEPROM Memory
The MCP4725 device has a 14-bit wide EEPROM
memory to store configuration bit (2 bits) and DAC
input data (12 bits). These bits are readable and re-writ-
able with I2C interface commands. The device has an
on-chip charge pump circuit to write the EEPROM
memory bits without using an external program volt-
age.
The EEPROM writing operation is initiated when the
device receives an EEPROM write command (C2 = 0,
C1 = 1, C0 = 1). The configuration and writing data bits
are transferred to the EEPROM memory block. A
status bit, RDY/BSY, stays low during the EEPROM
writing and goes high as the write operation is
completed. While the RDY/BSY bit is low (during the
EEPROM writing), any new write command is ignored
(for EEPROM or DAC register). Table 5-3 shows the
EEPROM bits and factory default settings. Table 5-4
shows the DAC input register bits of the MCP4725.
TABLE 5-3:
EEPROM MEMORY AND FACTORY DEFAULT SETTINGS
(TOTAL NUMBER OF BITS: 14 BITS)
TABLE 5-4:
DAC REGISTER
Bit
Name
PD1
PD0
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
Bit
Function
Power-Down
Select
(2 bits)
DAC Input Data (12 bits)
Factory
Default
Value
00 (1)
1 (2)
0000
0000
000
Note 1: See Table 5-2 for details.
2: Bit D11 = ‘1’ (while all other bits are “0”) enables the device to output 0.5 * V
DD (= middle scale output).
Bit
Name
C2 C1 C0
RDY/
BSY
POR PD1 PD0 D11 D10 D9D8D7 D6D5D4D3 D2 D1D0
Bit
Function
Command
Type
(1)
Power-
Down
Select
Data (12 bits)
Note 1: Write EEPROM status indication bit (0:EEPROM write is not completed. 1:EEPROM write is complete.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com