Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP4725 Datasheet(PDF) 1 Page - Microchip Technology

Part # MCP4725
Description  12-Bit Digital-to-Analog Converter with EEPROM Memory in SOT-23-6
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP4725 Datasheet(HTML) 1 Page - Microchip Technology

  MCP4725 Datasheet HTML 1Page - Microchip Technology MCP4725 Datasheet HTML 2Page - Microchip Technology MCP4725 Datasheet HTML 3Page - Microchip Technology MCP4725 Datasheet HTML 4Page - Microchip Technology MCP4725 Datasheet HTML 5Page - Microchip Technology MCP4725 Datasheet HTML 6Page - Microchip Technology MCP4725 Datasheet HTML 7Page - Microchip Technology MCP4725 Datasheet HTML 8Page - Microchip Technology MCP4725 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 42 page
background image
© 2007 Microchip Technology Inc.
DS22039C-page 1
MCP4725
Features
• 12-Bit Resolution
• On-Board Non-Volatile Memory (EEPROM)
• ±0.2 LSB DNL (typical)
• External A0 Address Pin
• Normal or Power-Down Mode
• Fast Settling Time of 6 µs (typical)
• External Voltage Reference (VDD)
• Rail-to-Rail Output
• Low Power Consumption
• Single-Supply Operation: 2.7V to 5.5V
•I2CTM Interface:
- Eight Available Addresses
- Standard (100 kbps), Fast (400 kbps), and
High-Speed (3.4 Mbps) Modes
• Small 6-lead SOT-23 Package
• Extended Temperature Range: -40°C to +125°C
Applications
• Set Point or Offset Trimming
• Sensor Calibration
• Closed-Loop Servo Control
• Low Power Portable Instrumentation
• PC Peripherals
• Data Acquisition Systems
Block Diagram
DESCRIPTION
The MCP4725 is a low-power, high accuracy, single
channel, 12-bit buffered voltage output Digital-to-Ana-
log
Convertor
(DAC)
with
non-volatile
memory
(EEPROM). Its on-board precision output amplifier
allows it to achieve rail-to-rail analog output swing.
The DAC input and configuration data can be
programmed to the non-volatile memory (EEPROM) by
the user using I2C interface command. The non-volatile
memory feature enables the DAC device to hold the
DAC input code during power-off time, and the DAC
output is available immediately after power-up. This
feature is very useful when the DAC device is used as
a supporting device for other devices in the network.
The device includes a Power-On-Reset (POR) circuit to
ensure reliable power-up and an on-board charge
pump for the EEPROM programming voltage. The
DAC reference is driven from VDD directly. In
power-down mode, the output amplifier can be config-
ured to present a low, medium, or high resistance out-
put load.
The MCP4725 has an external A0 address pin. This A0
pin can be tied to VDD or VSS of the user’s application
board.
The MCP4725 has a two-wire I2C™ compatible serial
interface for standard (100 kHz), fast (400 kHz), or high
speed (3.4 MHz) mode.
The MCP4725 is an ideal DAC device where design
simplicity and small footprint is desired, and for applica-
tions requiring the DAC device settings to be saved
during power-off time.
The device is available in a small 6-pin SOT-23
package.
Package Type
Resistive
Power-on
Reset
Charge
Pump
EEPROM
I2C Interface Logic
Input
Register
DAC Register
Op
Amp
VDD
VSS
SCL
SDA
VOUT
A0
String DAC
3
VDD
SCL
SDA
VSS
A0
SOT-23-6
VOUT
2
1
4
5
6
12-Bit Digital-to-Analog Converter with EEPROM Memory
in SOT-23-6


Similar Part No. - MCP4725

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP4725 MICROCHIP-MCP4725 Datasheet
1Mb / 50P
12-Bit Digital-to-Analog Converter with EEPROM Memory in SOT-23-6
2009
MCP4725 MICROCHIP-MCP4725 Datasheet
1Mb / 70P
6-Bit Volatile DAC with Command Code
11/29/11
MCP4725 MICROCHIP-MCP4725 Datasheet
2Mb / 56P
12-Bit Digital-to-Analog Converter with EEPROM Memory
Revision E February 2022
MCP4725A0T-E/CH MICROCHIP-MCP4725A0T-E/CH Datasheet
1Mb / 50P
12-Bit Digital-to-Analog Converter with EEPROM Memory in SOT-23-6
2009
MCP4725A0T-E/CH MICROCHIP-MCP4725A0T-E/CH Datasheet
2Mb / 56P
12-Bit Digital-to-Analog Converter with EEPROM Memory
Revision E February 2022
More results

Similar Description - MCP4725

ManufacturerPart #DatasheetDescription
logo
Rohm
BA9221 ROHM-BA9221 Datasheet
279Kb / 7P
Digital-to-analog converter, 12 bit
logo
Microchip Technology
MCP4725 MICROCHIP-MCP4725_09 Datasheet
1Mb / 50P
12-Bit Digital-to-Analog Converter with EEPROM Memory in SOT-23-6
2009
MCP4728 MICROCHIP-MCP4728 Datasheet
3Mb / 66P
12-Bit, Quad Digital-to-Analog Converter with EEPROM Memory
2009
logo
DATEL, Inc.
5962-8952801XA DATEL-5962-8952801XA Datasheet
148Kb / 1P
12-Bit Digital to Analog Converter
5962-8952802XA DATEL-5962-8952802XA Datasheet
149Kb / 1P
12-Bit Digital to Analog Converter
5962-8952802XC DATEL-5962-8952802XC Datasheet
149Kb / 1P
12-Bit Digital to Analog Converter
5962-8850801XA DATEL-5962-8850801XA Datasheet
157Kb / 1P
12-Bit Analog to Digital Converter
5962-8850802XA DATEL-5962-8850802XA Datasheet
157Kb / 1P
12-Bit Analog to Digital Converter
logo
Analog Devices
AD7476-EP AD-AD7476-EP Datasheet
196Kb / 12P
12-Bit ADC in 6-Lead SOT-23
Rev. 0
logo
Microchip Technology
MCP4725 MICROCHIP-MCP4725_V01 Datasheet
2Mb / 56P
12-Bit Digital-to-Analog Converter with EEPROM Memory
Revision E February 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com