Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP4725 Datasheet(PDF) 2 Page - Microchip Technology

Part # MCP4725
Description  12-Bit Digital-to-Analog Converter with EEPROM Memory in SOT-23-6
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP4725 Datasheet(HTML) 2 Page - Microchip Technology

  MCP4725 Datasheet HTML 1Page - Microchip Technology MCP4725 Datasheet HTML 2Page - Microchip Technology MCP4725 Datasheet HTML 3Page - Microchip Technology MCP4725 Datasheet HTML 4Page - Microchip Technology MCP4725 Datasheet HTML 5Page - Microchip Technology MCP4725 Datasheet HTML 6Page - Microchip Technology MCP4725 Datasheet HTML 7Page - Microchip Technology MCP4725 Datasheet HTML 8Page - Microchip Technology MCP4725 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 42 page
background image
MCP4725
DS22039C-page 2
© 2007 Microchip Technology Inc.
1.0
ELECTRICAL
CHARACTERISTICS
Absolute Maximum Ratings†
VDD...................................................................................6.5V
All inputs and outputs w.r.t VSS .................–0.3V to VDD+0.3V
Current at Input Pins ....................................................±2 mA
Current at Supply Pins ...............................................±50 mA
Current at Output Pins ...............................................±25 mA
Storage Temperature ....................................-65°C to +150°C
Ambient Temp. with Power Applied ..............-55°C to +125°C
ESD protection on all pins
................ ≥ 6kV HBM, ≥ 400V MM
Maximum Junction Temperature (TJ) .........................+150°C
Notice: Stresses above those listed under “Maximum rat-
ings” may cause permanent damage to the device.
This is a stress rating only and functional operation of
the device at these or any other conditions above those
indicated in the operation listings of this specification is
not implied. Exposure to maximum rating conditions for
extended periods may affect device reliability
ELECTRICAL CHARACTERISTICS
Electrical Specifications: Unless otherwise indicated, all parameters apply at V
DD = + 2.7V to 5.5V, VSS = 0V,
RL = 5 kΩ from VOUT to VSS, CL = 100 pF, TA = -40°C to +125°C. Typical values are at +25°C.
Parameter
Sym
Min
Typ
Max
Units
Conditions
Power Requirements
Operating Voltage
VDD
2.7
5.5
V
Supply Current
ID
210
400
µA
Digital input grounded, out-
put unloaded, code = 000h
Power-Down Current
IDDP
0.06
2.0
µA
VDD = 5.5V
Power-On-Reset
Threshold
VPOR
—2
V
DC Accuracy
Resolution
n
12
Bits
Code Range = 000h to FFFh
INL Error
INL
±2
±14.5
LSB
Note 1
DNL
DNL
-0.75
±0.2
±0.75
LSB
Note 1
Offset Error
VOS
0.02
0.75
% of FSR
Code = 000h
Offset Error Drift
ΔV
OS/°C
±1
ppm/°C
-45°C to +25°C
±2
ppm/°C
+25°C to +85°C
Gain Error
GE
-2
-0.1
2
% of FSR
Code FFFh, not including
offset error
Gain Error Drift
ΔG
E/°C
-3
ppm/°C
Output Amplifier
Phase Margin
p
M
66
Degree(°)
CL = 400 pF, RL =
Capacitive Load Stability
CL
1000
pF
RL = 5 kΩ, Note 2
Slew Rate
SR
0.55
V/µs
Short Circuit Current
ISC
—15
24
mA
VDD = 5V, VOUT = Grounded
Output Voltage Settling
Time
TS
—6
µs
Note 3
Note 1: Test Code Range: 100 to 4000.
2: This parameter is ensure by design and not 100% tested.
3: Within 1/2 LSB of the final value when code changes from 1/4 to 3/4 (400h to C00h) of full-scale.
4: Logic state of external address pin (A0 pin).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com