Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A22Z-R Datasheet(PDF) 7 Page - Omron Electronics LLC

Part # A22Z-R
Description  Emergency Stop Pushbutton Switches (22-dia. or 25-dia.) A22E/A22NE-P
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

A22Z-R Datasheet(HTML) 7 Page - Omron Electronics LLC

Back Button A22Z-R Datasheet HTML 3Page - Omron Electronics LLC A22Z-R Datasheet HTML 4Page - Omron Electronics LLC A22Z-R Datasheet HTML 5Page - Omron Electronics LLC A22Z-R Datasheet HTML 6Page - Omron Electronics LLC A22Z-R Datasheet HTML 7Page - Omron Electronics LLC A22Z-R Datasheet HTML 8Page - Omron Electronics LLC A22Z-R Datasheet HTML 9Page - Omron Electronics LLC A22Z-R Datasheet HTML 10Page - Omron Electronics LLC A22Z-R Datasheet HTML 11Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 40 page
background image
A22E
7
Switch
Non-lighted / Direct lighting
Voltage-reduction lighting (100 VAC, 200 VAC)
Note: For a model with a Lighting unit (Voltage-reduction lighting), use the A22-24AR.
Classification
Appearance
Non-lighted
Direct lighting
Contact specifications/
Configuration (Number of switch blocks)
Model
Model
For Standard
loads
1NC (1)
A22-01M
A22L-01M
1NC, 1NO (2)
A22-11M
A22L-11M
2NC (2)
A22-02M
A22L-02M
Classification
Appearance
100 VAC, Lighted
200 VAC, Lighted
Contact specifications/
Configuration (Number of switch blocks)
Model
Model
For Standard
loads
1NC (1)
A22L-01M-T1
A22L-01M-T2
1NC, 1NO (2)
A22L-11M-T1
A22L-11M-T2
2NC (2)
A22L-02M-T1
A22L-02M-T2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com