Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A22Z-R Datasheet(PDF) 32 Page - Omron Electronics LLC

Part # A22Z-R
Description  Emergency Stop Pushbutton Switches (22-dia. or 25-dia.) A22E/A22NE-P
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

A22Z-R Datasheet(HTML) 32 Page - Omron Electronics LLC

Back Button A22Z-R Datasheet HTML 28Page - Omron Electronics LLC A22Z-R Datasheet HTML 29Page - Omron Electronics LLC A22Z-R Datasheet HTML 30Page - Omron Electronics LLC A22Z-R Datasheet HTML 31Page - Omron Electronics LLC A22Z-R Datasheet HTML 32Page - Omron Electronics LLC A22Z-R Datasheet HTML 33Page - Omron Electronics LLC A22Z-R Datasheet HTML 34Page - Omron Electronics LLC A22Z-R Datasheet HTML 35Page - Omron Electronics LLC A22Z-R Datasheet HTML 36Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 40 page
background image
A22E/A22NE-P
32
Ordering Information
Common to Screw Terminal Block types (A22E)/Push-in Plus Terminal Block types (A22NE-P)
*1. These Shrouds are for use with the equipment only that conforms to SEMI standards. Do not use them for any other applications (e.g.
emergency stop switches for machines or devices such as Machine tools, Printing presses, Industrial machinery, etc).
*2. The Control Boxes cannot be used in combination with the A22Z-3476-1 Legend Plates for Emergency Stop or the A22Z-EG@ E-stop Shrouds.
Note: 1. Accessories for A22Z-EG1: one “EMERGENCY OFF” label, two rubber packings, and one lock ring
2. Accessories for A22Z-EG10: one rubber packing and one lock ring (without label)
Common Accessories and Tools (Order Separately)
Item
Appearance
Classification
Model
Remarks
Legend Plates for
Emergency Stop
60-dia. black letters on yellow
back-ground
A22Z-3466-1
Used in combination with the washer rubber when the level of
protection is to be met between panels.
90-dia. black letters on yellow
back-ground
A22Z-3476-1
60-dia. black letters on yellow
background
A22Z-3466-2
Cannot be used in combination with the Control Boxes.
Used in combination with the washer rubber when the level of
protection is to be met between panels.
Hole Plug
Round
A22Z-3530
Used for covering the panel cutouts for future panel expansion.
Black color.
Connectors
Applicable cable
diameter
7 to 9 dia.
A22Z-3500-1
Plastic connector used to extend a cable from the Switch Box.
(Refer to page 27).
9 to 11 dia.
A22Z-3500-2
25-dia. Ring
---
A22Z-R25
Use when mounting to a panel with a 25-dia. hole. (Refer to page
26).
Material: Rubber, Level of protection: IP65
30-dia.
Resin Attachment
---
A22Z-A30
Use when mounting to a panel with a 30-dia. hole. (Refer to page
26).
A rubber washer (A22Z-R) is provided with the product.
Lock Ring
---
A22Z-3360
The body is equipped with a Lock Ring.
This Lock Ring is used when a more secure lock feature is
required. (Refer to page 26).
Tightening Tool
---
A22Z-3905
Used for tightening the mounting ring from the back side of the
panel, and for removing the cap in lighted models.
E-stop Shroud for
EMO, Yellow
---
A22Z-EG1
Provides SEMI-S2/SEMATECH APPLICATION GUIDE FOR
SEMI-S2 compatibility. The SEMI-S2-compatible Shroud and
legend plate for EMERGENCY OFF come as a set. Use with an
A22E Emergency Stop Switch (for emergency shutoff)
*1 *2
E-stop Shroud for
EMO, Yellow
Legend plate for EMERGENCY
OFF is not included.
A22Z-EG10
Provides SEMI-S2/SEMATECH APPLICATION GUIDE FOR
SEMI S2 compatibility. Use with an A22E with EMO indication.
(for emergency off)
*2
E-stop Shroud for
EMS, White
---
A22Z-EG1-W
Provides SEMI-S2/SEMATECH APPLICATION GUIDE FOR
SEMI-S2 compatibility. The SEMI-S2-compatible Shroud and
legend plate for EMERGENCY STOP come as a set. Use with
an A22E Emergency Stop Switch. (for emergency stop)
*1*2
E-stop Shroud for
EMS, White
Legend plate for EMERGENCY
STOP is not included.
A22Z-EG10-W
Provides SEMI-S2/SEMATECH APPLICATION GUIDE FOR
SEMI S2 compatibility. Use with an A22E with EMS indication.
(for emergency stop)
*2
E-stop Shroud,
Yellow
Spacer Unit is not included.
A22Z-EG2
SEMI-S2/SEMATECH APPLICATION GUIDE FOR SEMI
S2-compatible Shroud. (for emergency shutoff)
*1 *2
Use together with an A22E Emergency Stop Switch.
One Spacer Unit is included.
A22Z-EG21
Two Spacer Units are included.
A22Z-EG22
E-stop Shroud for
EMO, Yellow
---
A22Z-EG3
Provides SEMI-S2/SEMATECH APPLICATION GUIDE FOR
SEMI-S2 compatibility. The SEMI-S2-compatible Shroud and
legend plate for EMERGENCY OFF come as a set. Use with an
A22E Emergency Stop Switch.(for emergency shutoff)
*1 *2
Rubber Packing
-
A22Z-R
Used together with accessories.
Contains 10 packings.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com