Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A22Z-R Datasheet(PDF) 34 Page - Omron Electronics LLC

Part # A22Z-R
Description  Emergency Stop Pushbutton Switches (22-dia. or 25-dia.) A22E/A22NE-P
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

A22Z-R Datasheet(HTML) 34 Page - Omron Electronics LLC

Back Button A22Z-R Datasheet HTML 30Page - Omron Electronics LLC A22Z-R Datasheet HTML 31Page - Omron Electronics LLC A22Z-R Datasheet HTML 32Page - Omron Electronics LLC A22Z-R Datasheet HTML 33Page - Omron Electronics LLC A22Z-R Datasheet HTML 34Page - Omron Electronics LLC A22Z-R Datasheet HTML 35Page - Omron Electronics LLC A22Z-R Datasheet HTML 36Page - Omron Electronics LLC A22Z-R Datasheet HTML 37Page - Omron Electronics LLC A22Z-R Datasheet HTML 38Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 40 page
background image
A22E/A22NE-P
34
2.3 +0.5
-1.5
Switch Mounting Dimension
2.3 +0.5
-1.5
Switch Mounting
Dimension
Sunken
section,
0.2
Switch guard
75
2.8
20.5
63
90 dia.
78 dia.
38
52.2 max.
30 40
75 min.
(Determined by the
height of the Switch
surface in the
lock position.)
22.2 dia
33 dia.
Panel Cutout Dimensions
Allowable panel thickness: 1 to 2 mm
5R
EMERGENCY OFF
inscription plate (t=1)
Rubber packing (t=0.5)
Rubber packing (t=0.5)
Locking ring
Mounting panel
2 1
Panel
Switch Unit
A22E-M
2.5+0.5
-1.5
8
R1.7+0.1
0
22.3+0.4
0
dia.
24.2±0.2
“EMERGENCY STOP” is indicated
on A22Z-EG1-W.
Legend plate is not provided with
A22Z-EG10 and A22Z-EG10-W.
8.5
38
52.2 max.
30 dia.
40 dia.
1-pole
Switch Unit
2-pole
Switch Unit
R5
38.5
37 max.
Panel
Panel
Screw Terminal Block type
Mounting a 1-pole Switch Unit
Push-in Plus Terminal Block type
Mounting a 1-pole Switch Unit
Push-in Plus Terminal Block type
Mounting a 2-pole Switch Unit
Note: 1. The dimensions of the
Shroud conform to the
specifications of the
SEMATECH
Application Guide for
SEMI S2-93.
2. The Shroud is not
provided with the
Switch.
Common E-stop Shrouds
A22Z-EG1, A22Z-EG1-W, A22Z-EG10, A22Z-EG10-W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com