Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A22Z-R Datasheet(PDF) 19 Page - Omron Electronics LLC

Part # A22Z-R
Description  Emergency Stop Pushbutton Switches (22-dia. or 25-dia.) A22E/A22NE-P
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

A22Z-R Datasheet(HTML) 19 Page - Omron Electronics LLC

Back Button A22Z-R Datasheet HTML 15Page - Omron Electronics LLC A22Z-R Datasheet HTML 16Page - Omron Electronics LLC A22Z-R Datasheet HTML 17Page - Omron Electronics LLC A22Z-R Datasheet HTML 18Page - Omron Electronics LLC A22Z-R Datasheet HTML 19Page - Omron Electronics LLC A22Z-R Datasheet HTML 20Page - Omron Electronics LLC A22Z-R Datasheet HTML 21Page - Omron Electronics LLC A22Z-R Datasheet HTML 22Page - Omron Electronics LLC A22Z-R Datasheet HTML 23Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 40 page
background image
A22NE-P
19
Operation Unit
Non-lighted
Lighted
LED lamp
Sealing capability
IP65 oil-resistant models
Function
Size
Small (30 dia.)
Medium (40 dia.)
Large (60-dia.)
Pull-reset
---
A22NE-MP-N
---
Turn-reset
A22NE-S-N
A22NE-M-N
A22NE-L-N
A22NE-MRO-N
A22NE-MRO-N-RD
A22NE-MRS-N
A22NE-MRS-N-RD
Sealing capability
IP65
Function
Size
Medium (40 dia.)
Turn-reset
A22NE-M-L
Appearance
LED light
Rated voltage
Model
Remarks
Red
6 VAC/VDC
A22NZ-L-RA
These LED lamps are for
exclusive use with the A22N
and the A22NE-P. These are
provided with the completely
assembled set of lighted
models. Order LED lamps only
when replacing them.
12 VAC/VDC
A22NZ-L-RB
24 VAC/VDC
A22NZ-L-RC
100, 110, 120 VAC
A22NZ-L-RD
200, 220, 230, 240 VAC
A22NZ-L-RE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com