Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A22Z-R Datasheet(PDF) 23 Page - Omron Electronics LLC

Part # A22Z-R
Description  Emergency Stop Pushbutton Switches (22-dia. or 25-dia.) A22E/A22NE-P
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

A22Z-R Datasheet(HTML) 23 Page - Omron Electronics LLC

Back Button A22Z-R Datasheet HTML 19Page - Omron Electronics LLC A22Z-R Datasheet HTML 20Page - Omron Electronics LLC A22Z-R Datasheet HTML 21Page - Omron Electronics LLC A22Z-R Datasheet HTML 22Page - Omron Electronics LLC A22Z-R Datasheet HTML 23Page - Omron Electronics LLC A22Z-R Datasheet HTML 24Page - Omron Electronics LLC A22Z-R Datasheet HTML 25Page - Omron Electronics LLC A22Z-R Datasheet HTML 26Page - Omron Electronics LLC A22Z-R Datasheet HTML 27Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 40 page
background image
A22NE-P
23
Terminal connection
Note: The above terminal connection diagrams are examples for 1NO, 1NC (two contacts), or 2NC (two contacts).
Terminal wiring drawings of two-contact Switch Units
Structure and Nomenclature
Type
Terminal Connection (BOTTOM VIEW)
1NC, 1NO (two contacts)
2NC (two contacts)
2NC, 1NO (three contacts)
3NC (three contacts)
Non-lighted
Lighted
3
4
1
2
NC
NO
1
2
1
2
NC
NC
3
4
1
2
1
2
NC
NO
NC
1
2
1
2
1
2
NC
NC
NC
1
2
X2
X1
X
3
4
1
2
1
2
X2
X1
X
B
A
Type
Terminal Connection (BOTTOM VIEW)
2NC (two contacts)
1NC, 1NO (two contacts)
A
B
22
21
22
21
11
12
14
13
}
Color: Red
Non-lighted
LED lighting
Light source
• LED Lamp
Mounting Latches
Switch Blocks
Lighting unit
Contact Ratings
6 A at 240 VAC
10 A at 120 VAC
Lighting Method
Non-lighted
Lighted (LED)
Operation Unit
Lamp
Switch



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com