Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A22Z-R Datasheet(PDF) 11 Page - Omron Electronics LLC

Part # A22Z-R
Description  Emergency Stop Pushbutton Switches (22-dia. or 25-dia.) A22E/A22NE-P
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

A22Z-R Datasheet(HTML) 11 Page - Omron Electronics LLC

Back Button A22Z-R Datasheet HTML 7Page - Omron Electronics LLC A22Z-R Datasheet HTML 8Page - Omron Electronics LLC A22Z-R Datasheet HTML 9Page - Omron Electronics LLC A22Z-R Datasheet HTML 10Page - Omron Electronics LLC A22Z-R Datasheet HTML 11Page - Omron Electronics LLC A22Z-R Datasheet HTML 12Page - Omron Electronics LLC A22Z-R Datasheet HTML 13Page - Omron Electronics LLC A22Z-R Datasheet HTML 14Page - Omron Electronics LLC A22Z-R Datasheet HTML 15Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 40 page
background image
A22E
11
Structure and Nomenclature
Dimensions
(Unit: mm)
Non-lighted Models
Note: Unless otherwise specified, a tolerance of ±0.8mm applies to all dimensions.
A22E-MP
A22E-S
A22E-M
A22E-L
}
Color: Red
Non-lighted
LED lighting
Light source
• LED Lamp
Mounting Latches
Switch Blocks
Lighting unit
Contact Ratings
10 A at 100 VAC (resistive load)
10 A at 24 VDC (resistive load)
Lighting Method
Non-lighted
Lighted (Direct lighting)
Lighted (Voltage-reduction lighting)
Lock Plate (Attached with the Operation Unit)
(Refer to the "Mounting the Lock Plate" on page 15 for use.)
Operation Unit
Lamp
Switch
1.8
5.9
0.5
32
54.7
40 dia.
34
Medium Push-pull (40-dia.)
1.8
5.9
0.5
32
54.7
34
30 dia.
Small Turn-reset (30-dia.)
2
1.5
2
5.9
1.8
0.5
32
54.7
41.2
18.5
6.5
40 dia.
34
Note: The dimensions are the same as for EMO/EMS
indication models.
Medium Turn-reset (40-dia.)
1.8
5.9
0.5
32
54.7
60 dia.
34
Large Turn-reset (60-dia.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com